Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS27MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS27MS
Description  Radiation Hardened Triple 3-Input NOR Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS27MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS27MS Datasheet HTML 1Page - Intersil Corporation ACS27MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4758
ACS27MS
Radiation Hardened Triple 3-Input NOR Gate
The Radiation Hardened ACS27MS is a Triple 3-Input NOR
Gate. For each gate, a HIGH level on any input results in a
LOW level on the Y output. A LOW level on all inputs
results in a HIGH level on the Y output. All inputs are
buffered and the outputs are designed for balanced
propagation delay and transition times.
The ACS27MS is fabricated on a CMOS Silicon on
Sapphire (SOS) process, which provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment. These devices
offer significant power reduction and faster performance
when compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS27MS are
contained in SMD 5962-98630. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/spaceselect.asp
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under Any Conditions
- Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . . 5.0
µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 17ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MARKETING
NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9863001VCC
ACS27DMSR-03
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS27D/SAMPLE-03
ACS27D/SAMPLE-03
25
14 Ld SBDIP
CDIP2-T14
5962F9863001VXC
ACS27KMSR-03
-55 to 125
14 Ld Flatpack
CDFP3-F14
ACS27K/SAMPLE-03
ACS27K/SAMPLE-03
25
14 Ld Flatpack
CDFP3-F14
5962F9863001V9A
ACS27HMSR-03
25
Die
NA
Pinouts
ACS27MS
(SBDIP)
TOP VIEW
ACS27MS
(FLATPACK)
TOP VIEW
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
Data Sheet
July 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS27MS

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ACS200LP AEROTECH-ACS200LP Datasheet
724Kb / 7P
Direct-Drive Rotary Collet Stage
logo
Intersil Corporation
ACS20D INTERSIL-ACS20D Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20DMSR INTERSIL-ACS20DMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20HMSR INTERSIL-ACS20HMSR Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20K INTERSIL-ACS20K Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
More results

Similar Description - ACS27MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS11MS INTERSIL-ACS11MS Datasheet
50Kb / 2P
Radiation Hardened Triple 3-Input AND Gate
November 1998
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com