Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO36 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VBO36
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO36 Datasheet(HTML) 2 Page - IXYS Corporation

  VBO36 Datasheet HTML 1Page - IXYS Corporation VBO36 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© IXYS All rights reserved
2 - 2
20100303a
VBO 36
IXYS reserves the right to change limits, test conditions and dimensions.
V
F [V]
0
50
100
150
200
0.5
1
1.5
2
2.5
150°C
25°C
100
101
102
103
t [ms]
0 V
RRM
½ V
RRM
1 V
RRM
I
FSM [A]
T
VJ = 45°C
T
VJ = 150°C
480
500
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.9
t [ms]
102
103
104
1
2
4
6
10
150°C
45°C
I
FAVM [A]
T
amb [K]
0
20
0
50
100
150
70
60
50
40
30
20
10
150
135
120
105
90
75
65
50
10
DC
sin. 180°
rec. 120°
rec. 60°
rec. 30°
7.14
2.86
1.43
0.71
0.36 = R
thCA [K/W]
T
C [°C]
DC
sin. 180°
rec. 120°
rec. 60°
rec. 30°
10
20
30
40
50
0
50
100
150
200
t [s]
0.01
0.1
1
10
2
4
6
8
Z
thJK
Z
thJC
0
100
Fig. 1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current per diode
I
FSM: crest value, t: duration
Fig. 3 I2t versus time (1-10 ms)
per diode or thyristor
Fig. 4 Power dissipation vs. direct output current and ambient temperature
Fig. 5 Maximum forward current
at case temperature
Fig. 6 Transient thermal impedance per diode or thyristor, calculated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com