Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO36 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO36
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO36 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO36 Datasheet HTML 1Page - IXYS Corporation VBO36 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© IXYS All rights reserved
1 - 2
20100303a
VBO 36
IXYS reserves the right to change limits, test conditions and dimensions.
I
dAV
=
30 A
V
RRM = 800-1800 V
Three Phase Rectifier Bridge
Features
• Package with ¼" fast-on terminals
• Isolation voltage 3000 V~
• Planar passivated chips
• Blocking voltage up to 1800 V
• Low forward voltage drop
• UL registered E 72873
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with one screw
• Space and weight savings
• Improved temperature & power cycling
Symbol
Conditions
Maximum Ratings
I
dAV
I
dAVM
T
C = 85°C, module
T
C = 62°C, module
25
30
A
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
550
600
A
A
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
500
550
A
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
1520
1520
A2s
A2s
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
1250
1250
A2s
A2s
T
VJ
T
VJM
T
stg
-40...+150
150
-40...+150
°C
°C
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
I
ISOL < 1 mA
t = 1 s
2500
3000
V~
V~
M
d
Mounting torque (M5)
(10-32 UNF)
2 ±10%
18 ±10%
Nm
lb.in.
Weight
Typ.
22
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
800
800
VBO 36-08NO8
1200
1200
VBO 36-12NO8
1400
1400
VBO 36-14NO8
1600
1600
VBO 36-16NO8
1800
1800
VBO 36-18NO8
Symbol
Conditions
Characteristic Values
I
R
V
R = VRRM
T
VJ = 25°C
T
VJ = TVJM
0.3
2.0
mA
mA
V
F
I
F = 150 A
T
VJ = 25°C
1.7
V
V
T0
r
t
For power-loss calculations only
0.8
5.8
V
m
W
R
thJC
R
thJH
per diode; 120° el.
per module
per diode; 120° el.
per module
6.20
1.55
7.40
1.85
K/W
K/W
K/W
K/W
d
S
d
A
a
Creeping distance on surface
Creepage distance in air
Max. allowable acceleration
12.7
9.4
50
mm
mm
m/s2
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
+
~
~
-
+
-
~
~
Dimensions in mm (1 mm = 0.0394“)
6.3 x 0.8
A
B
D
E


Similar Part No. - VBO36

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO36 IXYS-VBO36 Datasheet
305Kb / 2P
Single Phase Rectifier Bridge
VBO36-08NO8 IXYS-VBO36-08NO8 Datasheet
298Kb / 2P
Three Phase Rectifier Bridge
VBO36-16NO8 IXYS-VBO36-16NO8 Datasheet
305Kb / 2P
Single Phase Rectifier Bridge
More results

Similar Description - VBO36

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com