Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS00MS Datasheet(PDF) 6 Page - Intersil Corporation

Part # ACTS00MS
Description  Radiation Hardened Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS00MS Datasheet(HTML) 6 Page - Intersil Corporation

  ACTS00MS Datasheet HTML 1Page - Intersil Corporation ACTS00MS Datasheet HTML 2Page - Intersil Corporation ACTS00MS Datasheet HTML 3Page - Intersil Corporation ACTS00MS Datasheet HTML 4Page - Intersil Corporation ACTS00MS Datasheet HTML 5Page - Intersil Corporation ACTS00MS Datasheet HTML 6Page - Intersil Corporation ACTS00MS Datasheet HTML 7Page - Intersil Corporation ACTS00MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ACTS00MS
Metallization Mask Layout
ACTS00MS
(1)
(2)
(14)
(13)
(12) A4
GND
Y3
A3
NC
Y1 (3)
Y2
(11) Y4
(10) B3
A2 (4)
NC
B2 (5)
B1
A1
VCC
B4
(6)
(7)
(8)
(9)
Spec Number
518822
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2.24mm x 2.24mm
METALLIZATION:
Type: AlSiCu
Metal 1 Thickness: 6.75k
Å (Min), 8.25kÅ (Max)
Metal 2 Thickness: 9k
Å (Min), 11kÅ (Max)
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
DIE ATTACH:
Material: Silver Glass or JM 7000 Polymer After 7/1/95
WORST CASE CURRENT DENSITY:
< 2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com