Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS00MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS00MS
Description  Radiation Hardened Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS00MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS00MS Datasheet HTML 1Page - Intersil Corporation ACTS00MS Datasheet HTML 2Page - Intersil Corporation ACTS00MS Datasheet HTML 3Page - Intersil Corporation ACTS00MS Datasheet HTML 4Page - Intersil Corporation ACTS00MS Datasheet HTML 5Page - Intersil Corporation ACTS00MS Datasheet HTML 6Page - Intersil Corporation ACTS00MS Datasheet HTML 7Page - Intersil Corporation ACTS00MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
ACTS00MS
Radiation Hardened
Quad 2-Input NAND Gate
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2V Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ACTS00MS is a radiation hardened quad 2-Input NAND
gate. A high logic level on both inputs forces the output to a logic low
state.
The ACTS00MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the radia-
tion hardened, high-speed, CMOS/SOS Logic Family.
April 1995
Spec Number
518822
File Number
3564.1
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR, CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR, CDFP3-F14, LEAD FINISH C
TOP VIEW
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
Truth Table
INPUTS
OUTPUT
An
Bn
Yn
LL
H
LH
H
HLH
HH
L
NOTE: L = Logic Level Low, H = Logic Level High
Functional Diagram
An
Bn
Yn
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACTS00DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
ACTS00KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
ACTS00D/Sample
+25oC
Sample
14 Lead SBDIP
ACTS00K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
ACTS00HMSR
+25oC
Die
Die


Similar Part No. - ACTS00MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACTS04D RENESAS-ACTS04D Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
logo
Intersil Corporation
ACTS04D/SAMPLE INTERSIL-ACTS04D/SAMPLE Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
ACTS04HMSR INTERSIL-ACTS04HMSR Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
logo
Renesas Technology Corp
ACTS04HMSR RENESAS-ACTS04HMSR Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
ACTS04K RENESAS-ACTS04K Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
More results

Similar Description - ACTS00MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS00MS INTERSIL-HCS00MS Datasheet
101Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS00MS INTERSIL-HCTS00MS Datasheet
49Kb / 9P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
SN54AC00-SP_016 TI1-SN54AC00-SP_016 Datasheet
193Kb / 10P
SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com