Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLS25ZD Datasheet(PDF) 8 Page - Power-One

Part # QLS25ZD
Description  Distributed power architectures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS25ZD Datasheet(HTML) 8 Page - Power-One

  QLS25ZD Datasheet HTML 1Page - Power-One QLS25ZD Datasheet HTML 2Page - Power-One QLS25ZD Datasheet HTML 3Page - Power-One QLS25ZD Datasheet HTML 4Page - Power-One QLS25ZD Datasheet HTML 5Page - Power-One QLS25ZD Datasheet HTML 6Page - Power-One QLS25ZD Datasheet HTML 7Page - Power-One QLS25ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SEP 12, 2003 revised to OCT 26, 2006
Page 8 of 8
www.power-one.com
QLS25 DC-DC Series Data Sheet
25A Quarter-Brick
Mechanical Drawing
Ordering Information
Options
Suffixes to add to part number
Positive- Standard, no suffix required
Remote ON/OFF
Negative- Add “N” suffix
Negative- No suffix required
Trim
Positive - Add “T” suffix
0.18”- Standard, no suffix required
0.11”- Add “8” suffix
Pin Length
0.15”- Add “9” suffix
Notes
1.
Consult factory for the complete list of available options.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.
Tolerances: .xx + .020 (.5)
.xxx + .010 (.25)
Pin Diameter
+ 0.002 (.05)
PIN
FUNCTION
1
-Vin
2
On/Off
3
+Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com