Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLS25ZD Datasheet(PDF) 1 Page - Power-One

Part # QLS25ZD
Description  Distributed power architectures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS25ZD Datasheet(HTML) 1 Page - Power-One

  QLS25ZD Datasheet HTML 1Page - Power-One QLS25ZD Datasheet HTML 2Page - Power-One QLS25ZD Datasheet HTML 3Page - Power-One QLS25ZD Datasheet HTML 4Page - Power-One QLS25ZD Datasheet HTML 5Page - Power-One QLS25ZD Datasheet HTML 6Page - Power-One QLS25ZD Datasheet HTML 7Page - Power-One QLS25ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SEP 12, 2003 revised to OCT 26, 2006
Page 1 of 8
www.power-one.com
QLS25 DC-DC Series Data Sheet
25A Quarter-Brick
Applications
• Distributed power architectures
• Telecommunications equipment
• LAN/WAN applications
• Data processing applications
Features
•
RoHS lead solder exemption compliant
•
Cost-effective single board design
•
Low profile – 11 mm height
•
Input/output isolation: 1500VDC, basic
insulation
•
High efficiency - up to 90% at full load
•
Start-up into high capacitive load
•
Low conducted and radiated EMI
•
Output overcurrent protection
•
Output overvoltage protection
•
Back drive protection
•
Overtemperature protection
•
Remote sense
•
Set point accuracy
± 1%
•
Remote on/off (primary referenced), positive
or negative logic
•
Output voltage trim adjust, positive or
negative
•
UL 1950 Recognition, CSA 22.2 No. 950-95
certification, TUV IEC950
Description
The QLS25 is a new series of cost-effective, high-density single output DC-DC converters providing onboard
conversion of standard telecom and datacom input voltages into isolated low voltage outputs in a through-hole
mounting package. High efficiencies and a patent-pending board design significantly improve thermal
characteristics by evening out hot spots and enhance product reliability.
Model Selection
Model
Input
Voltage
VDC
Input
Current, Max
ADC
Output
Voltage
Vout,
VDC
Output Rated
Current
I rated,
ADC
Output
Ripple/Noise,
mV p-p
Typical
Efficiency @
I rated, %
QLS20ZG
36-75
4.8
5.0
20
150
90
QLS25ZE
36-75
3.3
3.3
25
100
89
QLS25ZD
36-75
2.5
2.5
25
100
87
This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment
should be followed.


Similar Part No. - QLS25ZD

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS30ZA POWER-ONE-QLS30ZA Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZY POWER-ONE-QLS30ZY Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
More results

Similar Description - QLS25ZD

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Artesyn Technologies
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
12Vdc distributed power architectures Mid-End Blade Network Equipment
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
Distributed power architectures
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
Distributed power architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
Distributed Power Architectures and VRM
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
Distributed Power Architectures
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com