Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3238E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3238E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3238E Datasheet HTML 3Page - Exar Corporation SP3238E Datasheet HTML 4Page - Exar Corporation SP3238E Datasheet HTML 5Page - Exar Corporation SP3238E Datasheet HTML 6Page - Exar Corporation SP3238E Datasheet HTML 7Page - Exar Corporation SP3238E Datasheet HTML 8Page - Exar Corporation SP3238E Datasheet HTML 9Page - Exar Corporation SP3238E Datasheet HTML 10Page - Exar Corporation SP3238E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3249E_100_013111
7
DESCRIPTION
The SP3249E device meets the EIA/TIA-232
and ITU-T V.28/V.24 communication protocols
and can be implemented in battery-powered,
portable, or hand-held applications such as
notebook or palmtop computers. The SP3249E
devices feature Exar's proprietary and patented
(U.S.-- 5,306,954) on-board charge pump cir-
cuitrythatgenerates±5.5VRS-232voltagelevels
from a single +3.0V to +5.5V power supply. The
SP3249E devices can guarantee a data rate of
250kbps fully loaded.
TheSP3249Eisa5-driver/3-receiverdevice,ideal
for portable or hand-held applications.
THEORY OF OPERATION
The SP3249E device is made up of three basic
circuit blocks:
1. Drivers
2. Receivers
3. The Exar proprietary charge pump
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to 5.0V EIA/
TIA-232 levels with an inverted sense relative
to the input logic levels. Typically, the RS-232
output voltage swing is +5.4V with no load and
+5V minimum fully loaded. The driver outputs are
protected against infinite short-circuits to ground
without degradation in reliability. These drivers
comply with the EIA-TIA-232-F and all previous
RS-232 versions.
The drivers can guarantee a data rate of 250kbps
fully loaded with 3kΩ in parallel with 1000pF,
ensuring compatibility with PC-to-PC communi-
cation software. All unused drivers inputs should
be connected to GND or V
CC.
The slew rate of the driver output is internally
limited to a maximum of 30V/µs in order to meet
theEIAstandards(EIARS-232D2.1.7,Paragraph
5). The transition of the loaded output from HIGH
toLOWalsomeetsthemonotonicityrequirements
of the standard.
Figure 7 shows a loopback test circuit used to
test the RS-232 drivers. Figure 8 shows the test
results of the loopback circuit with all five drivers
active at 120kbps with typical RS-232 loads in
parallel with 1000pF capacitors. Figure 9 shows
the test results where one driver was active
at 250kbps and all five drivers loaded with an
RS-232 receiver in parallel with a 1000pF ca-
pacitor. A solid RS-232 data transmission rate
of 120kbps provides compatibility with many
designs in personal computer peripherals and
LAN applications.
Receivers
The receivers convert +5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels.
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, an internal 5kΩ pulldown resistor
to ground will commit the output of the receiver
to a HIGH state.
Figure 6. Interface Circuitry Controlled by
Microprocessor Supervisory Circuit
SP3249E
24
21
3
1
23
4
22
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
VCC
2
5kΩ
5kΩ
5kΩ
20
19
18
17
16
14
5
6
7
8
9
11
RS-232
OUTPUTS
RS-232
INPUTS
T1IN
R1OUT
R1IN
T2OUT
T2IN
T3IN
T3OUT
T1OUT
R2IN
R3IN
R2OUT
R3OUT
UART
or
Serial µC
TxD
RTS
DTR
RxD
CTS
DSR
DCD
RI
15
13
10
12
T4OUT
T4IN
T5IN
T5OUT
0.1µF
0.1µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com