Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3238E Datasheet (PDF) - Exar Corporation

SP3238E Datasheet PDF - Exar Corporation
Part # SP3238E
Download  SP3238E Download
File Size   719.62 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Intelligent 3.0V to 5.5V RS-232 Transceiver

SP3238E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3238E Datasheet PDF - Exar Corporation

Part # SP3238E
Download  SP3238E Click to download

File Size   719.62 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Intelligent 3.0V to 5.5V RS-232 Transceiver

SP3238E Datasheet (HTML) - Exar Corporation


SP3238E Product details

DESCRIPTION
The SP3249E device is an RS-232 transceiver solution intended for portable or hand-held applications such as notebook and palmtop computers. The SP3249E uses an internal high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump and Exars driver architecture allow the SP3249E device to deliver compliant RS-232 performance from a single power supply ranging from +3.0V to +5.5V. The SP3249E is a 5-driver / 3-receiver device that is ideal for laptop / notebook computer and PDA applications.

FEATURES
■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA-232 and adheres to EIA/TIA-562 down to a +2.7V power source
■ Minimum 250Kbps data rate under load
■ Regulated Charge Pump Yields Stable RS-232 Outputs Regardless of VCC Variations
■ Enhanced ESD Specifications:
    +15kV Human Body Model
    +15kV IEC61000-4-2 Air Discharge
    +8kV IEC61000-4-2 Contact Discharge




Similar Part No. - SP3238E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3238E SIPEX-SP3238E Datasheet
224Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3238E SIPEX-SP3238E Datasheet
128Kb / 14P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3238E EXAR-SP3238E Datasheet
936Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EA SIPEX-SP3238EA Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EA/TR SIPEX-SP3238EA/TR Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Similar Description - SP3238E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
Intelligent 3.0V to 5.5V RS-232 Transceiver
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com