Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 9 Page - Intersil Corporation

Part # ADC0804LCWM
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804LCWM Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ADC0804LCWM Datasheet HTML 5Page - Intersil Corporation ADC0804LCWM Datasheet HTML 6Page - Intersil Corporation ADC0804LCWM Datasheet HTML 7Page - Intersil Corporation ADC0804LCWM Datasheet HTML 8Page - Intersil Corporation ADC0804LCWM Datasheet HTML 9Page - Intersil Corporation ADC0804LCWM Datasheet HTML 10Page - Intersil Corporation ADC0804LCWM Datasheet HTML 11Page - Intersil Corporation ADC0804LCWM Datasheet HTML 12Page - Intersil Corporation ADC0804LCWM Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
6-13
The device may be operated in the free-running mode by con-
necting INTR to the WR input with CS = 0. To ensure start-up
under all possible conditions, an external WR pulse is
required during the first power-up cycle. A conversion-in-pro-
cess can be interrupted by issuing a second start command.
Digital Operation
The converter is started by having CS and WR simultaneously
low. This sets the start flip-flop (F/F) and the resulting “1” level
resets the 8-bit shift register, resets the Interrupt (INTR) F/F
and inputs a “1” to the D flip-flop, DFF1, which is at the input
end of the 8-bit shift register. Internal clock signals then trans-
fer this “1” to the Q output of DFF1. The AND gate, G1, com-
bines this “1” output with a clock signal to provide a reset
signal to the start F/F. If the set signal is no longer present
(either WR or CS is a “1”), the start F/F is reset and the 8-bit
shift register then can have the “1” clocked in, which starts the
conversion process. If the set signal were to still be present,
this reset pulse would have no effect (both outputs of the start
F/F would be at a “1” level) and the 8-bit shift register would
continue to be held in the reset mode. This allows for asyn-
chronous or wide CS and WR signals.
After the “1” is clocked through the 8-bit shift register (which
completes the SAR operation) it appears as the input to
DFF2. As soon as this “1” is output from the shift register, the
AND gate, G2, causes the new digital word to transfer to the
Three-State output latches. When DFF2 is subsequently
clocked, the Q output makes a high-to-low transition which
causes the INTR F/F to set. An inverting buffer then supplies
the INTR output signal.
When data is to be read, the combination of both CS and RD
being low will cause the INTR F/F to be reset and the three-
state output latches will be enabled to provide the 8-bit digital
outputs.
Digital Control Inputs
The digital control inputs (CS, RD, and WR) meet standard
TTL logic voltage levels. These signals are essentially equiva-
lent to the standard A/D Start and Output Enable control sig-
nals, and are active low to allow an easy interface to
microprocessor control busses. For non-microprocessor
based applications, the CS input (pin 1) can be grounded and
the standard A/D Start function obtained by an active low
pulse at the WR input (pin 3). The Output Enable function is
achieved by an active low pulse at the RD input (pin 2).
Analog Operation
The analog comparisons are performed by a capacitive
charge summing circuit. Three capacitors (with precise
ratioed values) share a common node with the input to an
auto-zeroed comparator. The input capacitor is switched
between VlN(+) and VlN(-), while two ratioed reference capaci-
tors are switched between taps on the reference voltage
divider string. The net charge corresponds to the weighted dif-
ference between the input and the current total value set by
the successive approximation register. A correction is made to
offset the comparison by 1/2 LSB (see Figure 11A).
Analog Differential Voltage Inputs and Common-Mode
Rejection
This A/D gains considerable applications flexibility from the ana-
log differential voltage input. The VlN(-) input (pin 7) can be used
to automatically subtract a fixed voltage value from the input
reading (tare correction). This is also useful in 4mA - 20mA cur-
rent loop conversion. In addition, common-mode noise can be
reduced by use of the differential input.
The time interval between sampling VIN(+) and VlN(-) is 4
1/
2
clock periods. The maximum error voltage due to this slight
time difference between the input voltage samples is given by:
where:
∆VE is the error voltage due to sampling delay,
VPEAK is the peak value of the common-mode voltage,
fCM is the common-mode frequency.
For example, with a 60Hz common-mode frequency, fCM,
and a 640kHz A/D clock, fCLK, keeping this error to
1/
4 LSB
(~5mV) would allow a common-mode voltage, VPEAK, given
by:
,
or
.
The allowed range of analog input voltage usually places
more severe restrictions on input common-mode voltage
levels than this.
An analog input voltage with a reduced span and a relatively
large zero offset can be easily handled by making use of the
differential input (see Reference Voltage Span Adjust).
Analog Input Current
The internal switching action causes displacement currents to
flow at the analog inputs. The voltage on the on-chip capaci-
tance to ground is switched through the analog differential
input voltage, resulting in proportional currents entering the
VIN(+) input and leaving the VIN(-) input. These current tran-
sients occur at the leading edge of the internal clocks. They
rapidly decay and do not inherently cause errors as the on-
chip comparator is strobed at the end of the clock perIod.
Input Bypass Capacitors
Bypass capacitors at the inputs will average these charges
and cause a DC current to flow through the output resistances
of the analog signal sources. This charge pumping action is
worse for continuous conversions with the VIN(+) input voltage
at full scale. For a 640kHz clock frequency with the VIN(+)
input at 5V, this DC current is at a maximum of approximately
5
µA. Therefore, bypass capacitors should not be used at
the analog inputs or the VREF/2 pin for high resistance
sources (>1k
Ω). If input bypass capacitors are necessary for
noise filtering and high source resistance is desirable to mini-
mize capacitor size, the effects of the voltage drop across this
input resistance, due to the average value of the input current,
can be compensated by a full scale adjustment while the
given source resistor and input bypass capacitor are both in
place. This is possible because the average value of the input
current is a precise linear function of the differential input
voltage at a constant conversion rate.
V
E MAX
()
∆
V
PEAK
() 2πf
CM
()
4.5
f
CLK
------------
=
V
PEAK
∆V
E MAX
() f
CLK
()
2
πf
CM
() 4.5
()
--------------------------------------------------
=
V
PEAK
510
3
–
×
() 640 10
3
×
()
6.28
() 60
() 4.5
()
----------------------------------------------------------
1.9V
≅
=
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com