Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 3 Page - Intersil Corporation

Part # ADC0804LCWM
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804LCWM Datasheet(HTML) 3 Page - Intersil Corporation

  ADC0804LCWM Datasheet HTML 1Page - Intersil Corporation ADC0804LCWM Datasheet HTML 2Page - Intersil Corporation ADC0804LCWM Datasheet HTML 3Page - Intersil Corporation ADC0804LCWM Datasheet HTML 4Page - Intersil Corporation ADC0804LCWM Datasheet HTML 5Page - Intersil Corporation ADC0804LCWM Datasheet HTML 6Page - Intersil Corporation ADC0804LCWM Datasheet HTML 7Page - Intersil Corporation ADC0804LCWM Datasheet HTML 8Page - Intersil Corporation ADC0804LCWM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6-7
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Voltage at Any Input . . . . . . . . . . . . . . . . . . . . . . -0.3V to (V+ +0.3V)
Operating Conditions
Temperature Range
ADC0802/03LD. . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
ADC0802/03/04LCD . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
ADC0802/03/04LCN . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
ADC0803/04LCWM . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . .
125
N/A
CERDIP Package . . . . . . . . . . . . . . . . . .
80
20
SOIC Package . . . . . . . . . . . . . . . . . . . . .
120
N/A
Maximum Junction Temperature
Hermetic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(Notes 1, 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CONVERTER SPECIFICATIONS V+ = 5V, TA = 25
oC and f
CLK = 640kHz, Unless Otherwise Specified
Total Unadjusted Error
ADC0802
VREF/2 = 2.500V
-
-
±1/2
LSB
ADC0803
VREF/2 Adjusted for Correct Full
Scale Reading
--
±1/2
LSB
ADC0804
VREF/2 = 2.500V
-
-
±1
LSB
VREF/2 Input Resistance
Input Resistance at Pin 9
1.0
1.3
-
k
Ω
Analog Input Voltage Range
(Note 2)
GND-0.05
-
(V+) + 0.05
V
DC Common-Mode Rejection
Over Analog Input Voltage Range
-
±1/16
±1/8
LSB
Power Supply Sensitivity
V+ = 5V
±10% Over Allowed Input
Voltage Range
-
±1/16
±1/8
LSB
CONVERTER SPECIFICATIONS V+ = 5V, 0oC to 70oC and fCLK = 640kHz, Unless Otherwise Specified
Total Unadjusted Error
ADC0802
VREF/2 = 2.500V
-
-
±1/2
LSB
ADC0803
VREF/2 Adjusted for Correct Full
Scale Reading
--
±1/2
LSB
ADC0804
VREF/2 = 2.500V
-
-
±1
LSB
VREF/2 Input Resistance
Input Resistance at Pin 9
1.0
1.3
-
k
Ω
Analog Input Voltage Range
(Note 2)
GND-0.05
-
(V+) + 0.05
V
DC Common-Mode Rejection
Over Analog Input Voltage Range
-
±1/8
±1/4
LSB
Power Supply Sensitivity
V+ = 5V
±10% Over Allowed Input
Voltage Range
-
±1/16
±1/8
LSB
CONVERTER SPECIFICATIONS V+ = 5V, -25oC to 85oC and fCLK = 640kHz, Unless Otherwise Specified
Total Unadjusted Error
ADC0802
VREF/2 = 2.500V
-
-
±3/4
LSB
ADC0803
VREF/2 Adjusted for Correct Full
Scale Reading
--
±3/4
LSB
ADC0804
VREF/2 = 2.500V
-
-
±1
LSB
VREF/2 Input Resistance
Input Resistance at Pin 9
1.0
1.3
-
k
Ω
Analog Input Voltage Range
(Note 2)
GND-0.05
-
(V+) + 0.05
V
DC Common-Mode Rejection
Over Analog Input Voltage Range
-
±1/8
±1/4
LSB
Power Supply Sensitivity
V+ = 5V
±10% Over Allowed Input
Voltage Range
-
±1/16
±1/8
LSB
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com