Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXHF1176 Datasheet(PDF) 2 Page - API Delevan

Part # BXHF1176
Description  Standard Microwave Amplifier Frequency Range: 100 MHz to 20 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1176 Datasheet(HTML) 2 Page - API Delevan

  BXHF1176 Datasheet HTML 1Page - API Delevan BXHF1176 Datasheet HTML 2Page - API Delevan BXHF1176 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 12/10/2014
2
Gain (dB)
Frequency (GHz)
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
3rd Order Intercept (dBm)
2nd Order Intercept (dBm)
1 dB Compression (dBm)
Frequency (GHz)
Model # BXHF1176
0.1
1
10
20
0.1
1
10
20
0.1
1
10
20
0.1
1
10
20
0.1
1
10
20
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com