Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXHF1176 Datasheet (PDF) - API Delevan

Part # BXHF1176
Description  Standard Microwave Amplifier Frequency Range: 100 MHz to 20 GHz
File Size   742.17 Kbytes
Html View  1   2   3 
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1176 Datasheet (PDF) - API Delevan



Similar Part No. - BXHF1176

ManufacturerPart #DatasheetDescription
logo
API Delevan
BXHF1104 API-BXHF1104 Datasheet
228Kb / 3P
High Frequency Microwave Amplifier
BXHF1198 API-BXHF1198 Datasheet
1,011Kb / 3P
High Frequency Microwave Amplifier Frequency Range: 8 to 12 GHz
BXHF1199 API-BXHF1199 Datasheet
668Kb / 3P
High Frequency Microwave Amplifier
More results


Similar Description - BXHF1176

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
Frequency Range: 350.0 MHz to 1.7 GHz
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
Frequency Range: 200 MHz to 1.7 GHz
logo
RF Monolithics, Inc
XOC17 RFM-XOC17 Datasheet
419Kb / 2P
5 to 100 MHz Frequency Range
logo
API Delevan
BXHF1079 API-BXHF1079 Datasheet
273Kb / 3P
Standard Microwave Amplifier Frequency Range: 100 MHz to 25 GHz
BXHF1198 API-BXHF1198 Datasheet
1,011Kb / 3P
High Frequency Microwave Amplifier Frequency Range: 8 to 12 GHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
500 MHz to 4 GHz Frequency Range
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com