Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP264EG Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP264EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP264EG Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP264EG Datasheet HTML 3Page - Power Integrations, Inc. TOP264EG Datasheet HTML 4Page - Power Integrations, Inc. TOP264EG Datasheet HTML 5Page - Power Integrations, Inc. TOP264EG Datasheet HTML 6Page - Power Integrations, Inc. TOP264EG Datasheet HTML 7Page - Power Integrations, Inc. TOP264EG Datasheet HTML 8Page - Power Integrations, Inc. TOP264EG Datasheet HTML 9Page - Power Integrations, Inc. TOP264EG Datasheet HTML 10Page - Power Integrations, Inc. TOP264EG Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Rev. E 08/12
7
TOP264-271
www.powerint.com
UV prevents auto-restart attempts after the output goes out of
regulation. This eliminates power-down glitches caused by
slow discharge of the large input storage capacitor present in
applications such as standby supplies. A single resistor
connected from the VOLTAGE-MONITOR pin to the rectified DC
high-voltage bus sets UV threshold during power-up. Once the
power supply is successfully turned on, the UV threshold is
lowered to 44% of the initial UV threshold to allow extended
input voltage operating range (UV low threshold). If the UV low
threshold is reached during operation without the power supply
losing regulation, the device will turn off and stay off until UV
(high threshold) has been reached again. If the power supply
loses regulation before reaching the UV low threshold, the
device will enter auto-restart. At the end of each auto-restart
cycle (S15), the UV comparator is enabled. If the UV high
threshold is not exceeded, the MOSFET will be disabled during
the next cycle (see Figure 8). The UV feature can be disabled
independent of the OV feature.
Line Overvoltage Shutdown (OV)
The same resistor used for UV also sets an overvoltage
threshold, which, once exceeded, will force TOP264-271 to
stop switching instantaneously (after completion of the current
switching cycle). If this condition lasts for at least 100
ms, the
TOP264-271 output will be forced into off state. When the line
voltage is back to normal with a small amount of hysteresis
provided on the OV threshold to prevent noise triggering, the
state machine sets to S13 and forces TOP264-271 to go
through the entire auto-restart sequence before attempting to
switch again. The ratio of OV and UV thresholds is preset at
4.5, as can be seen in Figure 9. When the MOSFET is off, the
rectified DC high-voltage surge capability is increased to the
voltage rating of the MOSFET (725 V), due to the absence of the
reflected voltage and leakage spikes on the drain. The OV
feature can be disabled independent of the UV feature.
In order to reduce the no-load input power of TOP264-271
designs, the V pin operates at very low currents. This requires
careful layout considerations when designing the PCB to avoid
noise coupling. Traces and components connected to the V pin
should not be adjacent to any traces carrying switching currents.
These include the drain, clamp network, bias winding return or
power traces from other converters. If the line sensing features
are used, then the sense resistors must be placed within 10 mm
of the V pin to minimize the V pin node area. The DC bus
should then be routed to the line-sense resistors. Note that
external capacitance must not be connected to the V pin as this
may cause misoperation of the V pin related functions.
Hysteretic or Latching Output Overvoltage Protection (OVP)
The detection of the hysteretic or latching output overvoltage
protection (OVP) is through the trigger of the line overvoltage
threshold. The V pin voltage will drop by 0.5 V, and the
controller measures the external attached impedance immediately
after this voltage drops. If I
V exceeds IOV(LS) (336 mA typical)
longer than 100
ms, TOP264-271 will latch into a permanent
off-state for the latching OVP. It only can be reset if I
X exceeds
I
X(TH) = -27 mA (typ) or VC goes below the power-up reset
threshold (V
C(RESET)) and then back to normal. If IV does not
exceed I
OV(LS) or exceeds no longer than 100 ms, TOP264-271
will initiate the line overvoltage and the hysteretic OVP. Their
behavior will be identical to the line overvoltage shutdown (OV)
that has been described in detail in the previous section.
During a fault condition resulting from loss of feedback, output
voltage will rapidly rise above the nominal voltage. The increase
in output voltage will also result in an increase in the voltage at
the output of the bias winding. A voltage at the output of the
bias winding that exceeds of the sum of the voltage rating of the
Zener diode connected from the bias winding output to the V
pin and V pin voltage, will cause a current in excess of I
V to be
injected into the V pin, which will trigger the OVP feature.
PI-4531-121206
S13 S12
S0
S15
S13 S12
S0
S15
S14
S13
S15
S14
S14
5.8 V
4.8 V
S15
0 V
0 V
0 V
VLINE
VC
V
DRAIN
VOUT
Note: S0 through S15 are the output states of the auto-restart counter
2
1
2
3
4
0 V
S0
S15
VUV
S12
Figure 8.
Typical Waveforms for (1) Power-Up (2) Normal Operation (3) Auto-Restart (4) Power-Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com