Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP264EG Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TOP264EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP264EG Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TOP264EG Datasheet HTML 13Page - Power Integrations, Inc. TOP264EG Datasheet HTML 14Page - Power Integrations, Inc. TOP264EG Datasheet HTML 15Page - Power Integrations, Inc. TOP264EG Datasheet HTML 16Page - Power Integrations, Inc. TOP264EG Datasheet HTML 17Page - Power Integrations, Inc. TOP264EG Datasheet HTML 18Page - Power Integrations, Inc. TOP264EG Datasheet HTML 19Page - Power Integrations, Inc. TOP264EG Datasheet HTML 20Page - Power Integrations, Inc. TOP264EG Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Rev. E 08/12
17
TOP264-271
www.powerint.com
Very Low No-Load, High Efficiency, 30 W, Universal
Input, Open Frame, Power Supply
The circuit shown in Figure 26 below shows an 85 VAC to
265 VAC input, 12 V, 2.5 A output power supply. The goals of
the design were highest full load efficiency, average efficiency
(average of 25%, 50%, 75% and 100% load points), very low no-
load consumption. Additional requirements included latching
output overvoltage shutdown and compliance to safety agency
limited power source (LPS) limits. Actual efficiency and no-load
performance is summarized in the table shown in the schematic
which easily exceed current energy efficiency requirements.
In order to meet these design goals the following key design
decisions were made.
PI Part Selection
•
Ambient of 40 °C allowed one device size smaller than
indicated by the power table
The device selected for this design was based on the 85-265 VAC,
Open Frame, PCB heat sinking column of power table (Table 1).
One device size smaller was selected (TOP266V vs TOP267V)
due to the ambient specification of 40 °C (vs the 50°C assumed
in the power table) and the optimum PCB area and layout for
the device heat sink. The subsequent thermal and efficiency
data confirmed this choice. The maximum device temperature
was 107 °C at full load, 40 °C, 85 VAC, 47 Hz (worst-case
conditions) and average efficiency exceeded 83% ENERGY
STAR and EuP Tier 2 requirements.
Transformer Core Selection
•
132 kHz switching frequency allowed the selection of smaller
core for lower cost.
The size of the magnetic core is a function of the switching
frequency. The choice of the higher switching frequency of
132 kHz allowed for the use of a smaller core size. The higher
switching frequency does not negatively impact the efficiency in
TOPSwitch-JX designs due its small drain to source capacitance
(C
OSS) as compared to that of discrete MOSFETs.
Line-Sense Resistor Values
•
Increasing line-sensing resistance from 4 M
W to 10.2 MW to
reduce no-load input power dissipation by 16 mW.
Line-sensing is provided by resistors R1 and R2 and sets the
line undervoltage and overvoltage thresholds. The combined
value of these resistors was increased from the standard 4 M
W
to 10.2 M
W. This reduces the current into the VOLTAGE
MONITOR pin, and therefore contribution to no-load input power,
from ~26 mW to ~10 mW. To compensate the resultant change in
the UV threshold resistor R12 was added between the CONTROL
and VOLTAGE-MONITOR pins. This adds a DC current equal to
~16
mA into the VOLTAGE MONITOR pin, requiring only 9 mA to
be provided via R1 and R2 to reach the VOLTAGE MONITOR
pin UV threshold current of 25
mA and setting the UV threshold
to approximately 95 VDC.
This technique does effectively disable the line OV feature as
the resultant OV threshold is raised from ~450 VDC to ~980 VDC.
However in this design there was no impact as the value of
input capacitance (C3) was sufficient to allow the design to
withstand differential line surges greater than 1 kV without the
peak drain voltage reaching the BV
DSS rating of U1.
Specific guidelines and detailed calculations for the value of R12
may be found in the TOPSwitch-JX Application Note.
Figure 26. Schematic of High Efficiency 12 V, 30 W, Universal Input Flyback Supply with Very Low No-load.
PI-5775-030810
R17
22
Ω
R23
10 k
Ω
1%
R21
86.6 k
Ω
1%
D10
LL4148
R19
470
Ω
R18
110
Ω
U3
LMV431A
1%
D5
FR107
D6
BAV19WS
VR3
ZMM5245B-7
R16
6.8
Ω
1/8 W
R9
10
Ω
R12
191 k
Ω
1%
R5
10 k
Ω
1/2 W
U2B
LTV817D
U2A
LTV817D
L1
14 mH
U1
TOP266VG
C10
47
µF
25 V
C18
47 nF
50 V
C7
47
µF
25 V
D7
BAV21WS-
7-F
D8,9
SB560
C9
100 nF
50 V
D1
1N4007
D2
1N4007
D3
1N4007
D4
1N4007
C14
680
µF
25 V
C15
680
µF
25 V
L2
3.3
µH
C16
100
µF
25 V
C12
1 nF
200 V
7,8
11,12
1
2
NC
T1
EF25
C11
1 nF
250 VAC
C1
100 nF
275 VAC
F1
3.15 A
TOPSwitch-JX
L
N
12 V, 2.5 A
RTN
6
4
C3
82
µF
400 V
C4
4.7 nF
1 kV
VR1
P6KE180A
85 - 264
VAC
D
S
C
V
F
X
CONTROL
R1
5.1 M
Ω
R3
10 M
Ω
R2
5.1 M
Ω
R15
14.3 k
Ω
1%
R4
10 M
Ω
C20
33 nF
50 V
NC
Input Voltage (VAC)
85
230
Full Load Efficiency (%)
81.25
86.21
Average Efficiency (%)
85.13
No-load Input Power (mW)
60.8
115
83.94
84.97
61.98 74.74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com