Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP265EG Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP265EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP265EG Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP265EG Datasheet HTML 2Page - Power Integrations, Inc. TOP265EG Datasheet HTML 3Page - Power Integrations, Inc. TOP265EG Datasheet HTML 4Page - Power Integrations, Inc. TOP265EG Datasheet HTML 5Page - Power Integrations, Inc. TOP265EG Datasheet HTML 6Page - Power Integrations, Inc. TOP265EG Datasheet HTML 7Page - Power Integrations, Inc. TOP265EG Datasheet HTML 8Page - Power Integrations, Inc. TOP265EG Datasheet HTML 9Page - Power Integrations, Inc. TOP265EG Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Rev. E 08/12
6
TOP264-271
www.powerint.com
Figure 7.
Switching Frequency Jitter (Idealized V
DRAIN Waveforms).
f
OSC -
4 ms
Time
Switching
Frequency
VDRAIN
f
OSC +
modes. Please see the following sections for the details of the
operation of each mode and the transitions between modes.
Full Frequency PWM mode: The PWM modulator enters full
frequency PWM mode when the CONTROL pin current (I
C)
reaches I
B. In this mode, the average switching frequency is
kept constant at f
OSC (pin selectable 132 kHz or 66 kHz). Duty
cycle is reduced from DC
MAX through the reduction of the on-time
when I
C is increased beyond IB. This operation is identical to the
PWM control of all other TOPSwitch families. TOP264-271 only
operates in this mode if the cycle-by-cycle peak drain current
stays above k
PS(UPPER) × ILIMIT(set), where kPS(UPPER) is 55% (typical)
and I
LIMIT(set) is the current limit externally set via the EXTERNAL
CURRENT LIMIT (X) pin.
Variable Frequency PWM mode: When peak drain current is
lowered to k
PS(UPPER) × ILIMIT(set) as a result of power supply load
reduction, the PWM modulator initiates the transition to variable
frequency PWM mode, and gradually turns off frequency jitter.
In this mode, peak drain current is held constant at k
PS(UPPER) ×
I
LIMIT(set) while switching frequency drops from the initial full
frequency of f
OSC (132 kHz or 66 kHz) towards the minimum
frequency of f
MCM(MIN) (30 kHz typical). Duty cycle reduction is
accomplished by extending the off-time.
Low Frequency PWM mode: When switching frequency
reaches f
MCM(MIN) (30 kHz typical), the PWM modulator starts to
transition to low frequency mode. In this mode, switching
frequency is held constant at f
MCM(MIN) and duty cycle is reduced,
similar to the full frequency PWM mode, through the reduction
of the on-time. Peak drain current decreases from the initial
value of k
PS(UPPER) × ILIMIT(set) towards the minimum value of
k
PS(LOWER) × ILIMIT(set), where kPS(LOWER) is 25% (typical) and ILIMIT(set)
is the current limit externally set via the X pin.
Multi-Cycle-Modulation mode: When peak drain current is
lowered to k
PS(LOWER) × ILIMIT(set), the modulator transitions to
multi-cycle-modulation mode. In this mode, at each turn-on,
the modulator enables output switching for a period of T
MCM(MIN)
at the switching frequency of f
MCM(MIN) (4 or 5 consecutive pulses
at 30 kHz) with the peak drain current of k
PS(LOWER) × ILIMIT(set),
and stays off until the CONTROL pin current falls below I
C(OFF).
This mode of operation not only keeps peak drain current low
but also minimizes harmonic frequencies between 6 kHz and
30 kHz. By avoiding transformer resonant frequency this way,
all potential transformer audible noises are greatly suppressed.
Maximum Duty Cycle
The maximum duty cycle, DC
MAX, is set at a default maximum
value of 78% (typical). However, by connecting the VOLTAGE-
MONITOR to the rectified DC high-voltage bus through a resistor
with appropriate value (4 M
W typical), the maximum duty cycle
can be made to decrease from 78% to 40% (typical) when input
line voltage increases from 88 V to 380 V, with dual gain slopes.
Error Amplifier
The shunt regulator can also perform the function of an error
amplifier in primary-side feedback applications. The shunt
regulator voltage is accurately derived from a temperature-
compensated bandgap reference. The CONTROL pin dynamic
impedance Z
C sets the gain of the error amplifier. The CONTROL
pin clamps external circuit signals to the V
C voltage level. The
CONTROL pin current in excess of the supply current is
separated by the shunt regulator and becomes the feedback
current I
FB for the pulse width modulator.
On-Chip Current Limit with External Programmability
The cycle-by-cycle peak drain current limit circuit uses the
output MOSFET ON-resistance as a sense resistor. A current
limit comparator compares the output MOSFET ON-state drain
to source voltage V
DS(ON) with a threshold voltage. High drain
current causes V
DS(ON) to exceed the threshold voltage and turns
the output MOSFET off until the start of the next clock cycle.
The current limit comparator threshold voltage is temperature
compensated to minimize the variation of the current limit due
to temperature related changes in R
DS(ON) of the output MOSFET.
The default current limit of TOP264-271 is preset internally.
However, with a resistor connected between EXTERNAL
CURRENT LIMIT (X) pin and SOURCE pin, current limit can be
programmed externally to a lower level between 30% and 100%
of the default current limit. By setting current limit low, a larger
TOP264-271 than necessary for the power required can be used
to take advantage of the lower R
DS(ON) for higher efficiency/
smaller heat sinking requirements. With a second resistor
connected between the EXTERNAL CURRENT LIMIT (X) pin
and the rectified DC high-voltage bus, the current limit is
reduced with increasing line voltage, allowing a true power
limiting operation against line variation to be implemented. When
using an RCD clamp, this power limiting technique reduces
maximum clamp voltage at high-line. This allows for higher
reflected voltage designs as well as reducing clamp dissipation.
The leading edge blanking circuit inhibits the current limit
comparator for a short time after the output MOSFET is turned
on. The leading edge blanking time has been set so that, if a
power supply is designed properly, current spikes caused by
primary-side capacitances and secondary-side rectifier reverse
recovery time should not cause premature termination of the
switching pulse. The current limit is lower for a short period
after the leading edge blanking time. This is due to dynamic
characteristics of the MOSFET. During start-up and fault
conditions the controller prevents excessive drain currents by
reducing the switching frequency.
Line Undervoltage Detection (UV)
At power-up, UV keeps TOP264-271 off until the input line
voltage reaches the undervoltage threshold. At power-down,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com