Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP265EG Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP265EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP265EG Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP265EG Datasheet HTML 5Page - Power Integrations, Inc. TOP265EG Datasheet HTML 6Page - Power Integrations, Inc. TOP265EG Datasheet HTML 7Page - Power Integrations, Inc. TOP265EG Datasheet HTML 8Page - Power Integrations, Inc. TOP265EG Datasheet HTML 9Page - Power Integrations, Inc. TOP265EG Datasheet HTML 10Page - Power Integrations, Inc. TOP265EG Datasheet HTML 11Page - Power Integrations, Inc. TOP265EG Datasheet HTML 12Page - Power Integrations, Inc. TOP265EG Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Rev. E 08/12
9
TOP264-271
www.powerint.com
Figure 9.
VOLTAGE MONITOR and EXTERNAL CURRENT LIMIT Pin Characteristics.
-250
-200
-150
-100
-50
0
25
50
75
100
125
336
PI-5528-060409
Output
MOSFET
Switching
(Enabled)
(Disabled)
(Non-Latching) (Latching)
ILIMIT (Default)
DCMAX (78%)
Current
Limit
V Pin
X Pin
Maximum
Duty Cycle
VBG
I
I
I
I
IUV
IREM(N)
IOV
IOV(LS)
Pin Voltage
Note: This figure provides idealized functional characteristics with typical performance values. Please refer to the parametric
table and typical performance characteristics sections of the data sheet for measured data. For a detailed description of
each functional pin operation refer to the Functional Description section of the data sheet.
X and V Pins Current (
µA)
Disabled when supply
output goes out of
regulation
turned on after entering this mode, it will initiate a normal
start-up sequence with soft-start the next time the CONTROL
pin reaches 5.8 V. In the worst-case, the delay from remote-on
to start-up can be equal to the full discharge/charge cycle time
of the CONTROL pin, which is approximately 125 ms for a
47
mF CONTROL pin capacitor. This reduced consumption
remote-off mode can eliminate expensive and unreliable in-line
mechanical switches. It also allows for microprocessor
controlled turn-on and turn-off sequences that may be required
in certain applications such as inkjet and laser printers.
Soft-Start
The 17 ms soft-start sweeps the peak drain current and switching
frequency linearly from minimum to maximum value by operating
through the low frequency PWM mode and the variable
frequency mode before entering the full frequency mode. In
addition to start-up, soft-start is also activated at each restart
attempt during auto-restart and when restarting after being in
hysteretic regulation of CONTROL pin voltage (V
C), due to
remote-off or thermal shutdown conditions. This effectively
minimizes current and voltage stresses on the output MOSFET,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com