Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4D10SNIP0F Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC4D10SNIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SNIP0F Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC4D10SNIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 9Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 10Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 11Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Sheet No.: D2-A09201EN
PC4D10SNIP0F Series
■ Design Considerations
● Recommended operating conditions
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low level input current
IFL
0
−
250
μA
High level input current
IFH
8
−
15
mA
Supply voltage
VCC
4.5
−
5.5
V
Fan out (TTL load)
N
−−
5
−
Output pull-up resitor
RL
330
−
4 000
Ω
Operating temperature
Topr
−40
−
+85
˚C
● Notes about static electricity
Transistor of detector side in bipolar configuration may be damaged by static electricity due to its minute de-
sign.
When handling these devices, general countermeasure against static electricity should be taken to avoid
breakdown of devices or degradation of characteristics.
● Design guide
In order to stabilize power supply line, we should certainly recommend to connect a by-pass capacitor of
0.01μF or more between VCC and GND near the device.
In case that some sudden big noise caused by voltage variation is provided between primary and secondary
terminals of photocoupler some current caused by it is floating capacitance may be generated and result in
false operation since current may go through LED or current may change.
If the photocoupler may be used under the circumstances where noise will be generated we recommend to
use the bypass capacitors at the both ends of LED.
The detector which is used in this device, has parasitic diode between each pins and GND.
There are cases that miss operation or destruction possibly may be occurred if electric potential of any pin
becomes below GND level even for instant.
Therefore it shall be recommended to design the circuit that electric potential of any pin does not become
below GND level.
This product is not designed against irradiation and incorporates non-coherent LED.
● Degradation
In general, the emission of the LED used in photocouplers will degrade over time.
In the case of long term operation, please take the general LED degradation (50% degradation over 5 years)
into the design consideration.
Please decide the input current which become 2 times of MAX. IFHL.
● Recommended foot print (reference)
1.9
7.49
(Unit : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com