Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4D10SNIP0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC4D10SNIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SNIP0F Datasheet(HTML) 1 Page - Sharp Corporation

  PC4D10SNIP0F Datasheet HTML 1Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 2Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 3Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PC4D10SNIP0F Series
1
Sheet No.: D2-A09201EN
Date Sep. 1. 2006
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC4D10SNIP0F
Series
High Speed 10Mb/s, High CMR
Mini-flat 2-channel Package
∗OPIC Photocoupler
■ Description
PC4D10SNIP0F Series contains a LED optically cou-
pled to an OPIC.
It is packaged in a 8 pin mini-flat (2-ch output).
Input-output isolation voltage(rms) is 3.75 kV.
High speed response (TYP. 10Mb/s) and CMR is
MIN. 10kV/μs.
■ Features
1. 2-ch output, 8 pin Mini-flat package
2. Double transfer mold package
(Ideal for Flow Soldering)
3. High noise immunity due to high instantaneous com-
mon mode rejection voltage (CMH : MIN. 10kV/μs, CML
: MIN. −10kV/μs)
4. High speed response
(tPHL : TYP. 50ns, tPLH : TYP. 48ns)
5. Isolation voltage between input and output (Viso(rms) :
3.75kV)
6. Lead-free and RoHS driective compliant
■ Agency approvals/Compliance
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC4D10S)
2. Approved by VDE, DIN EN60747-5-2
(∗) (as an op-
tion), file No. 40009162 (as model No. PC4D10S)
3. Package resin : UL flammability grade (94V-0))
(∗) DIN EN60747-5-2 : successor standard of DIN VDE0884.
■ Applications
1. Programmable controller
2. Inverter
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-pro-
cessing circuit integrated onto a single chip.


Similar Part No. - PC4D10SNIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
More results

Similar Description - PC4D10SNIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
High Speed and High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC457S0NIP0F SHARP-PC457S0NIP0F Datasheet
225Kb / 13P
High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com