Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR-12V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VLR-12V
Description  6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLR-12V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VLR-12V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLR-12V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLR-12V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLR-12V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
L JST
L JST
L JST
2
1
4
3
2
1
6
5
4
3
2
1
8
7
6
4
3
2
51
12
11
10
6
5
4
93
82
71
3
2
1
1
4
3
2
1
Receptacle housing
VL CONNECTOR
MK/SVF/M-42-20
−
MK/SVF/M-61-20
−
SVM-42T-P2.0
SVF-42T-P2.0
SVM-61T-P2.0
SVF-61T-P2.0
MKS-L
−
MKS-L
−
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
Crimp applicator
Dies
APLMK SVF/M42-20
−
APLMK SVF/M61-20
−
MK/SVF/M-81-20
−
SVM-81T-P2.0
SVF-81T-P2.0
MKS-L
−
APLMK SVF/M81-20
−
Applicator
22.2
1.7
2
3.6
16.7
3.6
1.7
2
Model No.
mm2
AWG #
Insulation
O.D. (mm)
Applicable wire
Q'ty /
reel
Pin contact
Socket contact
*SVM-42T-P2.0
*SVF-42T-P2.0
0.3
∼1.25
0.3+0.3
∼
0.5+0.75
22
∼16
22+22
∼
20+18
1.7
∼3.2
1.7+1.7
∼
2.5+2.7
SVM-61T-P2.0
SVF-61T-P2.0
SVM-81T-P2.0
SVF-81T-P2.0
0.5
∼2.0
0.5+0.5
∼
0.75+1.25
20
∼14
20+20
∼
18+16
1.9
∼3.4
1.9+1.9
∼
2.1+2.7
3.5
12
4.1
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
2,000
Socket contact
Pin contact
RoHS compliance
Note: 1. Contact JST for special products.
2. *Marked products are not TU
¨ V approved.
Plug housing
Contact position numbers are stamped
Retainer
Retainer
Receptacle housing
Plug housing
L JST
L JST
L JST
L JST
3
2
1
2
1
2
1
4
3
3
2
1
6
5
4
4
3
2
1
8
7
6
5
6
5
4
3
2
1
12
11
10
9
8
7
1
<Outer-housing lock>
<Inner-housing lock>
3
2
1
4
3
2
1
2
1
2
1
4
3
3
2
1
6
5
4
4
3
2
1
8
7
6
5
6
5
4
3
2
1
12
11
10
9
8
7
L JST
L JST
L JST
Contact
Contact position location numbers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com