Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR-12V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VLR-12V
Description  6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLR-12V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VLR-12V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLR-12V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLR-12V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLR-12V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
2
1
2
2
2
Circuits
Receptacle
housing
Model No.
Panel hole dimensions (mm)
General tolerance
A, B, D: ±0.13 C, E: ±0.1
CD
AB
Applicable
panel
thickness (mm)
2
3
4
4
6
8
12
VLR-02V
VLR-03V
VLR-04V
VLR-04VN
VLR-06V
VLR-08V
VLR-12V
5.7
5.7
7.0
5.7
7.0
7.0
7.0
13.8
20.0
13.8
26.2
20.0
26.2
38.9
20.6
26.8
20.6
33.0
26.8
33.0
45.4
8.5
8.5
15.4
8.5
15.4
15.4
15.4
E
1.4
1.4
4.2
1.4
4.2
4.2
4.2
Panel
hole
shape
(Single-row)
0.5
∼2.0
1
VL CONNECTOR
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
The VL connector is a 6.2mm pitch wire-to-
wire connector designed for circuits
requiring up to 20A (1 or 2-circuit with
AWG #12 wire).
• Housing lances for contact retention
• Secondary retainer
• Suited for circuits with high power requirements
• Panel lock construction
Specifications –––––––––––––––––––
• Current rating: 20 A AC, DC max.
• Voltage rating: 600 V AC, DC max.(300 V in accordance with
the Electrical Appliance and Material Safety Law
in Japan)
• Temperature range: -25˚C to +90˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/7 mΩ max.
After environmental tests/10 mΩ max.
• Insulation resistance: 1,000 MΩ min.
• Withstanding voltage: 2,000 VAC/minute
• Applicable wire: AWG #22 to #12
0.3 to 3.5 mm2
• Applicable panel thickness: 0.5 to 2.0 mm
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Note: The current rating varies depending on the number of circuits and the
wire size used in each connector. The table below lists the current rating
as a function of the number of circuits and the wire size.
Circuits
Wire size (AWG)
#12
#14
#16
#18
#20
1
2
3
4
6
8
12
20
20
19
18
16
16
15
15
15
14
13
12
11
10
10
10
9
9
8
7
7
8
8
8
7
7
6
6
6
6
6
6
5
5
4
#22
4
4
4
4
3
3
3
Current unit: A
Shape I
Shape II
A
B
9.8±0.13
4.2±0.13
A
B
9.8±0.13
Note: 1. Punch holes in the panel according to the figures and table shown above. Burrs must be removed.
2. The strength of the panel must be considered when punching two or more holes.
3. The connector must be inserted from the same side as the hole is punched.
40.5
44.1 (including retainer)
40.5
44.1 (including retainer)
40.5
44.1 (including retainer)
40.5
44.1 (including retainer)
<Inner-housing lock>
<Inner-housing lock>
<Outer-housing lock>
<Outer-housing lock>
(2, 3 and single-row 4 circuits)
(4, 6, 8 and 12 circuits)
Standards ––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R9351103


Similar Part No. - VLR-12V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VLR170F MACOM-VLR170F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
VLR170F MACOM-VLR170F Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
logo
Littelfuse
VLR170F LITTELFUSE-VLR170F Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
logo
Tyco Electronics
VLR170L MACOM-VLR170L Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
VLR170LF MACOM-VLR170LF Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
More results

Similar Description - VLR-12V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
B04P-VL ETC2-B04P-VL Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
B06P-VL ETC2-B06P-VL Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
B12P-VL ETC2-B12P-VL Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com