Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD22101 Datasheet(PDF) 13 Page - Harris Corporation

Part # CD22101
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101 Datasheet(HTML) 13 Page - Harris Corporation

Back Button CD22101 Datasheet HTML 5Page - Harris Corporation CD22101 Datasheet HTML 6Page - Harris Corporation CD22101 Datasheet HTML 7Page - Harris Corporation CD22101 Datasheet HTML 8Page - Harris Corporation CD22101 Datasheet HTML 9Page - Harris Corporation CD22101 Datasheet HTML 10Page - Harris Corporation CD22101 Datasheet HTML 11Page - Harris Corporation CD22101 Datasheet HTML 12Page - Harris Corporation CD22101 Datasheet HTML 13Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
4-205
FIGURE 16. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 7.5V
FIGURE 17. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT TA = 25
oC
FIGURE 18. TYPICAL SWITCH ON TRANSFER
CHARACTERISTICS (1 OF 16 SWITCHES)
FIGURE 19. TYPICAL SWITCH ON FREQUENCY RESPONSE
CHARACTERISTICS
Typical Performance Curves (Continued)
TA = 125
oC
25oC
-55oC
INPUT SIGNAL (V)
-10
-8
-6
-4
0
2
6
8
10
100
75
50
25
0
VDD = 7.5V, VSS = -7.5V
-2
4
TA = 25
oC
INPUT SIGNAL (V)
300
250
200
150
100
50
0
VDD = 2.5V, VSS = -2.5V
±7.5V
±5V
-10
-5
0
5
10
350
400
VDD = 10V
TA = 25
oC
INPUT VOLTAGE (V)
10
8
6
4
2
024
6
8
10
RL = 1MΩ, 100kΩ, 10kΩ
500
Ω
1k
Ω
SW
VIS
VOS
RL
STROBE = VDD
DATA-IN =
VDD
VSS
RL = 1MΩ
1k
Ω
10k
Ω
INPUT SIGNAL FREQUENCY (Hz)
2.5
2
1.5
1
0.5
0
105
106
107
108
TA = 25
oC
VDD = 5V, VSS = -5V
VIS = 5VP-P = SINE WAVE 1.77VRMS
VDATA-IN = 5V
CL = 15pF
RF VOLTMETER
BOONTON RADIO
MODEL 91-CA
OR EQUIV.
SW
fIS
VOS (RMS)
CL
RL
VIS
CIOS = 0.4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com