Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP89341 Datasheet(PDF) 15 Page - Aplus Intergrated Circuits

Part # AP89341
Description  Integrated Circuits Inc
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89341 Datasheet(HTML) 15 Page - Aplus Intergrated Circuits

Back Button AP89341_15 Datasheet HTML 11Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 12Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 13Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 14Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 15Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 16Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 17Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 18Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 19Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
14
Aug 23, 2010
DC CHARACTERISTICS ( TA = 0 to 70℃, VDD = 3.3V, VSS = 0V )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VDD
Operating Voltage
2.2
3.0
3.6
V
ISB
Standby current
1
5
µ
A
I/O open
IOP
Operating current
15
mA
I/O open
VIH
"H" Input Voltage
2.5
3.0
3.5
V
VDD=3.0V
VIL
"L" Input Voltage
-0.3
0
0.5
V
VDD=3.0V
IOL
VOUT low O/P Current
120
mA
Vout=0.3V
IOH
VOUT high O/P Current
-65
mA
Vout=2.5V
ICO
COUT O/P Current
-3
mA
VCOUT=1.0V
IOH
O/P high Current
-8
mA
VOH=2.5V
IOL
O/P low Current
8
mA
VOL=0.3V
∆F/F
Frequency Stability
-5
+5
%
Fosc(3V)
Fosc(3.4V)
-
Fosc(2.7V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com