Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP89341 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # AP89341
Description  Integrated Circuits Inc
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89341 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  AP89341_15 Datasheet HTML 1Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 2Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 3Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 4Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 5Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 6Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 7Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 8Page - Aplus Intergrated Circuits AP89341_15 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
3
Aug 23, 2010
PIN DESCRIPTIONS
S1 ~ S8
Input Trigger Pins:
- In Key Trigger Mode, S1 to S8 is used to trigger the first 32 out of the total 254 Voice Groups .
- In CPU Parallel Command Mode, S1 to S8 serve as Voice Group address inputs for 254 Voice
Groups with S1 as LSB and S8 as MSB.
- In CPU Serial Command Mode, S1 is Chip Select (SC) pin to initiate the command input. S2 is
the Serial Clock (SCK) pin which clocks the input command and data bits into the chip. S3 is the
Data In (DI) pin in which command and data bits are shifted input into the chip.
- In OTP Programming Mode, S1 to S8 are used as data I/O pins.
SBT
Input Trigger Pin:
- In Key Trigger Mode, this pin is trigger pin to trigger the playback of Voice Groups one by one
sequentially.
- In CPU Parallel Command Mode, this pin is used as address strobe to latch the Voice Group
address input at S1 to S8 and starts the voice playback.
- In OTP Programming Mode, this pin is used as PGM signal.
VDD and AVDD
Power Supply Pins: These two pins must be connected together to the positive power supply.
VSS and AVSS
Power Ground Pins: These two pins must be connected to the power ground.
M0 and M1
Operating Mode Setting Pins:
- M1=0, M0=0 set the chip into Key Trigger Mode
- M1=0, M0=1 set the chip into CPU Parallel Command Mode
- M1=1, M0=0 set the chip into CPU Serial Command Mode
- M1=1, M0=1 set the chip into OTP Programming Mode
VOUT1 and VOUT2
Digital PWM output pins which can drive speaker and buzzer directly for voice playback.
OSC
During voice playback, an external resistor is connect between this pin and the VDD pin to set the
sampling frequency. In OTP Programming Mode, this is the ACLK input signal.
VPP
During voice playback, this pin must be connected together with VDD to the positive power supply
voltage. In OTP Programming Mode, this pin is connected to a separate 6.5V power supply voltage
for EPROM programming.
OUT1, OUT2 and OUT3
- In Key Trigger Mode and CPU Parallel Command Mode, these pins are user programmable pins
for the STOP pulse, BUSY and LED signals.
- In CPU Serial Command Mode, OUT1, OUT2 and OUT3 are fixed as BUSY, POUT and FULL
status output which tell the status of the chip operation. POUT can be further configurable to
BUSYB, 8K, 4K, 2K, 1K, 16Hz, 1M and EMPTY (or FULLB).
- During OTP programming, OUT1 serves as OEB while OUT2 serves as SIO (serial data IO).
COUT
Analog 8-bit current mode D/A output for voice playback
RST
Chip reset in playback mode or DCLK pin in OTP programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com