Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP89341 Datasheet(PDF) 21 Page - Aplus Intergrated Circuits

Part # AP89341
Description  Integrated Circuits Inc
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89341 Datasheet(HTML) 21 Page - Aplus Intergrated Circuits

Back Button AP89341 Datasheet HTML 16Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 17Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 18Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 19Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 20Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 21Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 22Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 23Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 24Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
20
Aug 23, 2010
CPU Serial Command Mode
Fig. 25 5V CPU Control with TDA Power Amplifier
VDD, AVDD,VPP
VSS, AVSS
RST
OUT1
OUT3
OSC
0.1uF
10uF
ROSC
COUT
8
Speaker
HT7335
S1 (CS)
S2 (SCK)
S3 (DI)
VOUT=+3.5V
CS
SCK
DI
BUSY
FULL
VIN=+5V
Rin
2
7
0.1u
0.1u
4.7
4.7
10u
0.01uF
8
6
10uF
10K
33
5
4
Gnd
Vcc
+
+
-
-
1
3
Rin = 860K
x (VIN-VOUT) / VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com