Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP89341 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AP89341
Description  Integrated Circuits Inc
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89341 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AP89341 Datasheet HTML 2Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 3Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 4Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 5Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 6Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 7Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 8Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 9Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
5
Aug 23, 2010
Programmable Options
In Key Trigger Mode (M1=0; M0=0) and CPU Parallel Trigger Mode (M1=0; M0=1), user can select
different trigger functions and output signals to be sent out from the pins OUT1, OUT2 and OUT3.
Options that affect all Voice Group playback are called Whole Chip Options. Options that only affect
the playback of individual Voice Group are called Group Options.
Whole Chip Options
• Long (16ms) or short (65us) debounce time at 8KHz sampling rate.
• Ramp-up-down enable or disable:
When COUT is used for playback, Ramp-up-down should be enabled.
This function
eliminates the ‘POP’ noise at the begin and end of voice playback.
When VOUT1 and VOUT2 are used to drive speaker directly, Ramp-up-down should be
disabled.
Fig. 1 Ramp-up-down Enable
Fig.2 Ramp-up-down Disable
• Output Options:
This option sets up the three output pins OUT1, OUT2 and OUT3 to send out different signals
during voice playback. Four settings are allowed:
OUT1
OUT2
OUT3
Option 1
LED1
LED2
BUSY
Option 2
STOP
LED1
LED2
Option 3
LED1
BUSY
STOP
Option 4
LED1
BUSY
BUSYB
Note: BUSY can be set or reset associated with each Voice Block. Stop plus must be set to
enable in order to have STOP plus to come out at the end of playback.
Fig. 3 Output waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com