Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-6R8-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DR127-6R8-R
Description  High power density, high efficiency, shielded inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR127-6R8-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DR127-6R8-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.eaton.com/elx
2
Technical Data 4315
Effective April 2014
DR Series High power density,
high efficiency, shielded inductors
Product specifications
1. Open Circuit Inductance Test Parameters: 100kHz, 0.25V
rms, 0.0Adc.
2. RMS current for an approximate DT of 40°C without core loss.
It is recommended that the temperature of the part not exceed 125°C.
3. Peak current for approximate 30% roll off at 20°C.
4. DCR limits @ 20°C.
5. Applied Volt-Time product (V-μS) across the inductor. This value represent the
applied V-μSat 100kHz necessary to generate a core loss equal to 10% of the
total losses for 40°C temperature rise.
6. Part number definition: DRxxx-yyy-R
- DRxxx = product code and size,
- yyy = inductance value in μH,
- R = decimal point. If no R is present, third character = # of zeros
- “-R” suffix = RoHS compliant
Part Number
Rated
Inductance
(μH)
OCL1
±20%
(μH)
I
rms
2
Amps
I
sat
3
Amps
Peak
DCR4
(Ω)
Typ.
Volt-μSec5
Typ.
DR73-R33-R
0.33
0.306
6.21
14.4
0.0073
1.98
DR73-1R0-R
1.00
0.992
5.28
7.97
0.0102
3.56
DR73-1R5-R
1.50
1.482
4.67
6.52
0.0130
4.36
DR73-2R2-R
2.20
2.070
4.15
5.52
0.0165
5.15
DR73-3R3-R
3.30
3.540
3.31
4.22
0.0259
6.73
DR73-4R7-R
4.70
4.422
3.09
3.78
0.0297
7.52
DR73-6R8-R
6.80
6.480
2.55
3.12
0.0435
9.11
DR73-8R2-R
8.20
8.930
2.19
2.66
0.0592
10.7
DR73-100-R
10.0
10.30
2.08
2.47
0.0656
11.5
DR73-150-R
15.0
15.01
1.83
2.05
0.0844
13.9
DR73-220-R
22.0
22.65
1.62
1.67
0.107
17.0
DR73-330-R
33.0
34.41
1.31
1.35
0.166
21.0
DR73-470-R
47.0
48.62
1.08
1.14
0.241
24.9
DR73-680-R
68.0
68.91
0.89
0.96
0.358
29.7
DR73-820-R
82.0
80.37
0.86
0.89
0.384
32.1
DR73-101-R
100
101.4
0.73
0.79
0.527
36.0
DR73-151-R
150
150.9
0.58
0.65
0.851
44.0
DR73-221-R
220
223.3
0.52
0.53
1.05
53.5
DR73-331-R
330
325.5
0.42
0.44
1.59
64.5
DR73-471-R
470
465.8
0.35
0.37
2.36
77.2
DR73-681-R
680
676.5
0.29
0.31
3.47
93.1
DR73-821-R
820
821.7
0.27
0.28
3.93
103
DR73-102-R
1000
995.0
0.26
0.25
4.34
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com