Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-6R8-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DR127-6R8-R
Description  High power density, high efficiency, shielded inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR127-6R8-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DR127-6R8-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DR127-6R8-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.eaton.com/elx
3
DR Series High power density,
high efficiency, shielded inductors
Technical Data 4315
Effective April 2014
1. Open Circuit Inductance Test Parameters: 100kHz, 0.25V
rms, 0.0Adc.
2. RMS current for an approximate DT of 40°C without core loss.
It is recommended that the temperature of the part not exceed 125°C.
3. Peak current for approximate 30% roll off at 20°C.
4. DCR limits @ 20°C.
5. Applied Volt-Time product (V-μS) across the inductor. This value represent the
applied V-μSat 100kHz necessary to generate a core loss equal to 10% of the
total losses for 40°C temperature rise.
6. Part number definition: DRxxx-yyy-R
- DRxxx = product code and size,
- yyy = inductance value in μH,
- R = decimal point. If no R is present, third character = # of zeros
- “-R” suffix = RoHS compliant
Part Number
Rated
Inductance
(μH)
OCL1
±20%
(μH)
I
rms
2
Amps
I
sat
3
Amps
Peak
DCR4
(Ω)
Typ.
Volt-μSec5
Typ.
DR74-R33-R
0.33
0.294
6.26
18.4
0.0074
1.71
DR74-1R0-R
1.00
0.952
5.39
10.2
0.0099
3.08
DR74-1R5-R
1.50
1.422
4.94
8.35
0.0118
3.76
DR74-2R2-R
2.20
1.986
4.76
7.06
0.0126
4.45
DR74-3R3-R
3.30
3.396
3.94
5.40
0.0183
5.81
DR74-4R7-R
4.70
5.182
3.34
4.37
0.0254
7.18
DR74-6R8-R
6.80
7.344
2.60
3.67
0.0418
8.55
DR74-8R2-R
8.20
8.566
2.53
3.40
0.0441
9.23
DR74-100-R
10.0
9.882
2.41
3.17
0.0489
9.92
DR74-150-R
15.0
16.09
2.11
2.48
0.0637
12.7
DR74-220-R
22.0
21.73
1.75
2.13
0.0925
14.7
DR74-330-R
33.0
33.01
1.41
1.73
0.143
18.1
DR74-470-R
47.0
49.64
1.15
1.41
0.216
22.2
DR74-680-R
68.0
69.67
1.03
1.19
0.265
26.3
DR74-820-R
82.0
80.95
0.91
1.11
0.345
28.4
DR74-101-R
100
101.6
0.86
0.99
0.383
31.8
DR74-151-R
150
150.0
0.69
0.81
0.591
38.6
DR74-221-R
220
227.0
0.56
0.66
0.907
47.5
DR74-331-R
330
335.6
0.45
0.54
1.41
57.8
DR74-471-R
470
465.3
0.40
0.46
1.74
68.1
DR74-681-R
680
671.2
0.33
0.38
2.58
81.7
DR74-821-R
820
812.7
0.31
0.35
2.93
89.9
DR74-102-R
1000
1009
0.27
0.31
3.89
100
Product specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com