Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7814ARMZ2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7814ARMZ2
Description  10-Bit Digital Temperature Sensor in 6-Lead SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814ARMZ2 Datasheet(HTML) 7 Page - Analog Devices

  AD7814ARMZ2 Datasheet HTML 1Page - Analog Devices AD7814ARMZ2 Datasheet HTML 2Page - Analog Devices AD7814ARMZ2 Datasheet HTML 3Page - Analog Devices AD7814ARMZ2 Datasheet HTML 4Page - Analog Devices AD7814ARMZ2 Datasheet HTML 5Page - Analog Devices AD7814ARMZ2 Datasheet HTML 6Page - Analog Devices AD7814ARMZ2 Datasheet HTML 7Page - Analog Devices AD7814ARMZ2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. E
–7–
AD7814
AD7814*
SCLK
DOUT
DIN
CS
8051*
P3.1
P3.0
P1.2
P1.3
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 4. AD7814 to 8051 Interface
AD7814 to PIC16C6x/7x Interface
Figure 5 shows an interface circuit between the AD7814 and the
PIC16C6x/7x microcontroller. The PIC16C6x/7x synchronous
serial port (SSP) is configured as an SPI master with the clock
polarity bit set to a logic one. In this mode, the serial clock line
of the PIC16C6x/7x idles high between data transfers. Data is
transferred to and from the AD7814 in two 8-bit serial data
operations. In the example shown, port line RA1 is being used
to generate the
CS for the AD7814.
AD7814*
SCLK
DOUT
DIN
CS
PIC16C6x/7x*
SCK
SDO
SDI
RA1
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 5. AD7814 to PIC16C6x/7x Interface
AD7814 to ADSP-21xx Interface
Figure 6 shows an interface between the AD7814 and the
ADSP-21xx DSP processor. To ensure correct operation of the
interface, the SPORT control register should be set up as follows:
TFSW = RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Framing Signal
DTYPE = 00, Right Justify Data
SLEN = 1111, 16-Bit Data Words
ISCLK = 1, Internal Serial Clock
TFSR = RFS = 1, Frame Every Word
IRFS = 0, RFS Configured As Input
ITFS = 1, TFS Configured As Output
The interface requires an inverter between the SCLK line of the
ADSP-21xx and the SCLK input of the AD7814. The ADSP-
21xx has the TFS and RFS of the SPORT tied together with
TFS set as an output and RFS set as an input. The DSP operates
in alternate framing mode and the SPORT control register is set
up as described earlier.
AD7814*
SCLK
DOUT
DIN
CS
ADSP-21xx*
SCK
DR
DT
RFS
*ADDITIONAL PINS OMITTED FOR CLARITY
TFS
Figure 6. AD7814 to ADSP-21xx Interface
MOUNTING THE AD7814
The AD7814 can be used for surface or air temperature sensing
applications. If the device is cemented to a surface with ther-
mally conductive adhesive, the die temperature will be within
about 0.1
°C of the surface temperature, thanks to the device’s
low power consumption. Care should be taken to insulate the
back and leads of the device from the air, if the ambient air
temperature is different from the surface temperature being
measured.
The ground pin provides the best thermal path to the die, so the
temperature of the die will be close to that of the printed circuit
ground track. Care should be taken to ensure that this is in good
thermal contact with the surface being measured.
As with any IC, the AD7814 and its associated wiring and cir-
cuits must be kept free from moisture to prevent leakage and
corrosion, particularly in cold conditions where condensation is
more likely to occur. Water-resistant varnishes and conformal
coatings can be used for protection. The small size of the
AD7814 package allows it to be mounted inside sealed metal
probes, which provide a safe environment for the device.
SUPPLY DECOUPLING
The AD7814 should be decoupled with a 0.1
µF ceramic
capacitor between VDD and GND. This is particularly important
if the AD7814 is mounted remotely from the power supply.
TEMPERATURE – C
–0.4
–55
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
0
25
40
85
100
120
Figure 7. Typical Temperature Error



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com