Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7814ARMZ2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7814ARMZ2
Description  10-Bit Digital Temperature Sensor in 6-Lead SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814ARMZ2 Datasheet(HTML) 3 Page - Analog Devices

  AD7814ARMZ2 Datasheet HTML 1Page - Analog Devices AD7814ARMZ2 Datasheet HTML 2Page - Analog Devices AD7814ARMZ2 Datasheet HTML 3Page - Analog Devices AD7814ARMZ2 Datasheet HTML 4Page - Analog Devices AD7814ARMZ2 Datasheet HTML 5Page - Analog Devices AD7814ARMZ2 Datasheet HTML 6Page - Analog Devices AD7814ARMZ2 Datasheet HTML 7Page - Analog Devices AD7814ARMZ2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. E
–3–
AD7814
ORDERING GUIDE
Temperature
Temperature
Package
Package
Branding
Model
Range
Error
1
Description
Option
Information
AD7814ART-500RL7
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ART-REEL
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ART-REEL7
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARTZ-500RL7
2
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARTZ-REEL
2
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARTZ-REEL7
2
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARM
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARM-REEL
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARM-REEL7
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARMZ
2
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARMZ-REEL
2
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARMZ-REEL7
2
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
1Temperature error is over 0
°C to 85°C temperature range.
2Z = Pb-free part
ABSOLUTE MAXIMUM RATINGS
*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOT-23, Power Dissipation . . . . . . . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 240°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
MSOP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 206
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7814 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
1.6V
IOL
200 A
200 A
IOH
TO
OUTPUT
PIN
CL
50pF
Figure 1. Load Circuit for Data Access Time and Bus
Relinquish Time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com