Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB968-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB968-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB968-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB968-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB968-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB968-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB968
■
Typical Characterisitics
PC
I
a
T
—
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE
ICEO — Ta
0
6
1
0
40
120
80
140
20
100
60
0
32
24
8
20
28
16
4
12
TC=Ta
Ambient temperature Ta (˚C)
0
1
–
0
–8
–2
–6
–4
0
–4.0
–3.0
–1.0
–2.5
–3.5
–2.0
– 0.5
–1.5
TC=25˚C
IB=–40mA
–5mA
–10mA
–15mA
–20mA
–25mA
–30mA
–35mA
Collector to emitter voltage VCE (V)
3
–
1
0
.
0
–
–1
– 0.1
– 0.03
– 0.3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
IC/IB=10
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
3
–
1
0
.
0
–
–1
– 0.1
– 0.03
– 0.3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
IC/IB=10
TC=–25˚C
25˚C
100˚C
Collector current IC (A)
3
–
1
0
.
0
–
–1
– 0.1
– 0.03
– 0.3
1
3
10
30
100
300
1000
VCE=–5V
TC=100˚C 25˚C
–25˚C
Collector current IC (A)
10
100
1000
10000
30
300
3000
0
240
200
160
120
80
40
VCB=–5V
f=200MHz
TC=25˚C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
150
120
60
90
30
IE=0
f=1MHz
TC=25˚C
Collector to base voltage VCB (V)
0.001
0.01
0.1
1
10
0
–120
–100
–80
–60
–40
–20
TC=25˚C
Base to emitter resistance RBE (kΩ)
0
2
1
0
100
80
20
60
40
1
1000
100
10
3
30
300
VCE=–12V
Ambient temperature Ta (˚C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com