Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB968-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB968-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB968-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB968-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB968-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB968-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SB968
■
Typical Characterisitics
Area of safe operation (ASO)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
Single pulse
TC=25˚C
t=1ms
1s
ICP
IC
Collector to emitter voltage VCE (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com