Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4018 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4018
Description  CMOS Look-Ahead Carry Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4018 Datasheet(HTML) 9 Page - Intersil Corporation

  CD4018 Datasheet HTML 1Page - Intersil Corporation CD4018 Datasheet HTML 2Page - Intersil Corporation CD4018 Datasheet HTML 3Page - Intersil Corporation CD4018 Datasheet HTML 4Page - Intersil Corporation CD4018 Datasheet HTML 5Page - Intersil Corporation CD4018 Datasheet HTML 6Page - Intersil Corporation CD4018 Datasheet HTML 7Page - Intersil Corporation CD4018 Datasheet HTML 8Page - Intersil Corporation CD4018 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
7-1418
CD40182BMS
FIGURE 10. 64-BIT FULL CARRY LOOK-AHEAD ALU IN 3 LEVELS
FIGURE 11. COMBINED TWO-LEVEL LOOK-AHEAD AND RIPPLE-CARRY ALU
Cn
GP
Cn
G0 P0 Cn + x
Cn + y
Cn + z
GP
(16) CD40181BMS
CD40182BMS
Cn
GP
G1 P1
Cn
GP
G2 P2
Cn
GP
G3 P3
Cn
GP
Cn
G0 P0 Cn + x
Cn + y
Cn + z
CD40182BMS
Cn
GP
G1 P1
Cn
GP
G2 P2
Cn
GP
G3 P3
Cn
G0 P0
Cn + x
G1 P1
Cn + y
Cn
Cn
GP
G0 P0
CD40182BMS
Cn
Cn
Cn
GP
Cn
G0 P0 Cn + x
Cn + y
Cn + z
CD40182BMS
Cn
GP
G1 P1
Cn
G2 P2
Cn
G3 P3
Cn
Cn
Cn
GP
G0 P0
Cn
GP
G1 P1
Cn + x
Cn + y
CD40181BMS
Cn+4
Cn + 4
Cn + 4
GP
CD40181BMS
GP
Cn+4
Chip Dimensions and Pad Layout
The photographs and dimensions of each CMOS chip represent a chip when
it is part of the wafer. When the wafer is separated into individual chips, the an-
gle of cleavage may vary with respect to the chip face for different chips. The
actual dimensions of the isolated chip, therefore, may differ slightly from the
nominal dimensions shown. The user should consider a tolerance of -3 mils to
+16 mils applicable to the nominal dimensions shown.
Dimension in parenthesis are in millimeters and are derived from the basic inch
dimensions as indicated. Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com