Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4018 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4018
Description  CMOS Look-Ahead Carry Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4018 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4018 Datasheet HTML 1Page - Intersil Corporation CD4018 Datasheet HTML 2Page - Intersil Corporation CD4018 Datasheet HTML 3Page - Intersil Corporation CD4018 Datasheet HTML 4Page - Intersil Corporation CD4018 Datasheet HTML 5Page - Intersil Corporation CD4018 Datasheet HTML 6Page - Intersil Corporation CD4018 Datasheet HTML 7Page - Intersil Corporation CD4018 Datasheet HTML 8Page - Intersil Corporation CD4018 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-1410
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD40182BMS
CMOS Look-Ahead Carry Generator
Description
The CD40182BMS is a high-speed look-ahead carry gener-
ator capable of anticipating a carry across four binary adders
or groups of adders. The CD40182BMS is cascadable to
perform full look-ahead across n-bit adders. Carry, propa-
gate-carry, and generate-carry functions are provided as
enumerated in the terminal designation below.
The CD40182BMS, when used in conjuction with the
CD40181BMS arithmetic logic unit (ALU), provides full high-
speed look-ahead carry capability for up to n-bit words. Each
CD40182BMS generates the look-ahead (anticipated carry)
across
a
group
of
four
ALU’s.
In
addition,
other
CD40182BMS’s may be employed to anticipate the carry
across sections of four look-ahead blocks up to n-bits. Carry
inputs and outputs of the CD40181BMS are active-high
logic, and carry-generate (G) and carry-propagate (P) out-
puts are active-low. Therefore the inputs and outputs of the
CD40182BMS are compatible.
The CD40182BMS is supplied in these 16-lead outline
packages:
The CD40182BMS is similar to industry type MC14582.
Braze Seal DIP
H4V
Frit Seal DIP
H1E
Ceramic Flatpack
H6P
Features
• High Voltage Type (20V Rating)
• Generates High-Speed Carry Across Four Adders or
Adder Groups
• High-Speed Operation
- tPHL, tPLH =100 ns (typ) at VDD = 10V
• Cascadable for Fast Carries Over N Bits
• Designed for Use with CD40181BMS ALU
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• High-Speed Parallel Arithmetric Units
• Multi-Level Look-Ahead Carry Generation for Long
Word Lengths
December 1992
File Number
3362
Pinout
CD40182BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
G1
P1
G0
P0
G3
P3
VSS
P
VDD
G2
Cn
Cn + x
Cn + y
G
Cn + z
P2
Functional Diagram
G0
G1
G2
G3
Cn
3
1
14
5
13
P0
P1
P2
P3
4
2
15
6
G
P
12
11
9
7
10
P
G
Cn + x
Cn + y
Cn + z
VDD = 16
VSS = 8


Similar Part No. - CD4018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4018 TI-CD4018 Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018 INTERSIL-CD4018 Datasheet
140Kb / 10P
CMOS 4 Bit Arithmetic Logic Unit
December 1992
CD40181 INTERSIL-CD40181 Datasheet
140Kb / 10P
CMOS 4 Bit Arithmetic Logic Unit
December 1992
CD40181BMS INTERSIL-CD40181BMS Datasheet
140Kb / 10P
CMOS 4 Bit Arithmetic Logic Unit
December 1992
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
More results

Similar Description - CD4018

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
Look-ahead carry generator
1991 Apr 15 2 853
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
Carry Look-Ahead Generator
June 14 1990
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
LOOK-AHEAD CARRY BLOCK
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
Look-Ahead Carry Generator
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
Look-Ahead Carry Generator With Selectable Carry Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com