Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1169-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1169-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1169-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1169-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1169-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SB1169
■
Features
●
High forward current transfer ratio hFE which
has satisfactory linearity
●
Low collector-emitter saturation voltage VCE(sat)
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-60
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1
Collector current -Pulse
ICP
-2
Collector Power Dissipation
15
Ta = 25℃
1.3
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
A
PC
W
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -30 mA, IB=0
-60
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -60V , IE=0
-0.1
mA
Collector-emitter cut-off current
ICES
VCE = −60 V, IB = 0
-200
Collector-emitter cut-off current
ICEO
VCE = −30 V, IB = 0
-300
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
mA
Collector-emitter saturation voltage
VCE(sat) IC=-1 A, IB=-125mA
-1
Base - emitter saturation voltage
VBE(sat) IC=-1 A, IB=-125mA
-1.2
Base - emitter voltage
VBE
VCE= -4V, IC= -1 A
-1.3
VCE= -4V, IC= -200 mA
40
450
VCE= -4V, IC= -1 A
15
Turn-ON Time
ton
0.5
Storage Time
tstg
1.2
Fall Time
tf
0.3
Transition frequency
fT
VCE= -10V, IC= -500mA,f=10MHz
40
MHz
IC = −1 A, IB1 = −50 mA, IB2 = 50 mA
VCC = −50 V
us
V
uA
V
DC current gain
hFE
■
Classification of hfe(1)
Type
2SB1169-R
2SB1169-Q
2SB1169-P
2SB1169-O
Range
40-90
70-150
120-250
200-450


Similar Part No. - 2SB1169-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1169 PANASONIC-2SB1169 Datasheet
75Kb / 3P
For power amplification
2SB1169A PANASONIC-2SB1169A Datasheet
75Kb / 3P
For power amplification
logo
Guangdong Kexin Industr...
2SB1169A KEXIN-2SB1169A Datasheet
40Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1169A-O KEXIN-2SB1169A-O Datasheet
1Mb / 2P
PNP Transistors
2SB1169A-P KEXIN-2SB1169A-P Datasheet
1Mb / 2P
PNP Transistors
More results

Similar Description - 2SB1169-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com