Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1169-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1169-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1169-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1169-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1169-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1169
■
Typical Characterisitics
VCE(sat) IC
hFE
IC
fT
IC
PC
Ta
IC
VCE
IC
VBE
R
a
e
r
a
n
o
it
a
r
e
p
o
e
f
a
S
th
t
0
0
6
1
0
40
120
80
5
15
10
20
Ambient temperature Ta (°C)
(1)TC=Ta
(2)Without heat sink
(PC=1.3W)
(1)
(2)
0
− 0.5
−1.0
−1.5
−2.5
−2.0
0
−6
−1
−5
−2
−4
−3
Collector-emitter voltage VCE (V)
T C
=25˚C
IB =–40mA
–30mA
–25mA
–20mA
–10mA
–8mA
–6mA
–4mA
–2mA
0
−2.0
−1.6
−1.2
− 0.8
− 0.4
0
−2
−4
−6
−10
−8
Base-emitter voltage V BE (V)
T C
=100˚C
25˚C
V CE =–4V
–25˚C
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
IC/IB=10
25˚C
T C
=100˚C
–25˚C
Collector current IC(A)
− 0.01
− 0.1
−1
−10
1
10
Collector current IC (A)
102
104
103
V CE =–4V
T C
=100˚C
25˚C
–25˚C
− 0.01
− 0.1
−1
−10
1
10
Collector current IC (A)
102
104
103
VCE=–5V
f=10MHz
TC=25˚C
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Non repetitive pulse
TC=25˚C
t=10ms
t=300ms
t=1ms
ICP
IC
Collector-emitter voltage V
CE (V)
(1)
(2)
(1)Without heat sink
(2)With a 50×50×2mm Al heat sink
10−1
1
10
103
102
Time t (s)
10−3
104
103
102
10
1
10−1
10−2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com