Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7891AS-2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7891AS-2
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891AS-2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7891AS-2 Datasheet HTML 12Page - Analog Devices AD7891AS-2 Datasheet HTML 13Page - Analog Devices AD7891AS-2 Datasheet HTML 14Page - Analog Devices AD7891AS-2 Datasheet HTML 15Page - Analog Devices AD7891AS-2 Datasheet HTML 16Page - Analog Devices AD7891AS-2 Datasheet HTML 17Page - Analog Devices AD7891AS-2 Datasheet HTML 18Page - Analog Devices AD7891AS-2 Datasheet HTML 19Page - Analog Devices AD7891AS-2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7891
–16–
REV. D
PARALLEL INTERFACING
The parallel port on the AD7891 allows the device to be interfaced
to microprocessors or DSP processors as a memory mapped
or I/O mapped device. The
CS and RD inputs are common to
all memory peripheral interfacing. Typical interfaces to different
processors are shown in Figures 12 to 15. In all the interfaces
shown, an external timer controls the
CONVST input of the
AD7891 and the
EOC output interrupts the host DSP.
AD7891 to ADSP-21xx
Figure 12 shows the AD7891 interfaced to the ADSP-21xx
series of DSPs as a memory mapped device. A single wait state
may be necessary to interface the AD7891 to the ADSP-21xx
depending on the clock speed of the DSP. This wait state can
be programmed via the data memory wait state control register
of the ADSP-21xx (please see the ADSP-2100 family Users
Manual for details). The following instruction reads data
from the AD7891.
MR = DM (ADC)
where ADC is the address of the AD7891.
DATA BUS
ADDRESS BUS
DB11 TO DB0
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
WR
IRQ2
D23 TO D8
EOC
RD
WR
RD
ADDR
DECODE
EN
DMS
ADSP-21xx*
A13 TO A0
Figure 12. AD7891 to ADSP-21xx Parallel Interface
AD7891 to TMS32020, TMS320C25, and TMS320C5x
Parallel interfaces between the AD7891 and the TMS32020,
TMS320C25, and TMS320C5x family of DSPs are shown in
Figure 13. The memory mapped address chosen for the
AD7891 should be chosen to fall in the I/O memory space of
the DSPs.
TMS320C25
ONLY
DATA BUS
ADDRESS BUS
DB11 TO DB0
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
WR
INTx
D23 TO D0
EOC
RD
MSC
ADDR
DECODE
EN
IS
A15 TO A0
TMS32020/
TMS320C25/
TMS320C5x*
READY
R/
W
STRB
Figure 13. AD7891 to TMS32020/TMS320C25/TMS320C5x
Parallel Interface
The parallel interface on the AD7891 is fast enough to interface
to the TMS32020 with no extra wait states. If high speed glue
logic, such as 74AS devices, are used to drive the
WR and RD
lines when interfacing to the TMS320C25, then again no wait
states are necessary. However, if slower logic is used, data accesses
may be slowed sufficiently when reading from and writing to the
part to require the insertion of one wait state. In such a case,
this wait state can be generated using the single OR gate to
combine the
CS and MSC signals to drive the READY line of
the TMS320C25, as shown in Figure 13. Extra wait states are
necessary when using the TMS320C5x at their fastest clock
speeds. Wait states can be programmed via the IOWSR and
CWSR registers (see the TMS320C5x User Guide for details).
Data is read from the ADC using the following instruction:
IN D, ADC
where D is the memory location where the data is to be stored,
and ADC is the I/O address of the AD7891.
AD7891 to TMS320C3x
Figure 14 shows a parallel interface between the AD7891 and
the TMS320C3x family of DSPs. The AD7891 is interfaced to
the expansion bus of the TMS320C3x. A single wait state is
required in this interface. This can be programmed using the
WTCNT bits of the expansion bus control register (see the
TMS320C3x Users Guide for details). Data from the AD7891
can be read using the following instruction:
LDI
ARn Rx
¥
,
where ARn is an auxiliary register containing the lower 16 bits
of the address of the AD7891 in the TMS320C3x memory
space, and Rx is the register into which the ADC data is loaded.
EXPANSION DATA BUS
ADDRESS BUS
DB11 TO DB0
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
WR
INTx
XD23 TO XD0
EOC
RD
ADDR
DECODE
XA15 TO XA0
XR/
W
IOSTRB
TMS320C3x*
Figure 14. AD7891 to TMS320C3x Parallel Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com