Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7891AS-2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7891AS-2
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891AS-2 Datasheet(HTML) 2 Page - Analog Devices

  AD7891AS-2 Datasheet HTML 1Page - Analog Devices AD7891AS-2 Datasheet HTML 2Page - Analog Devices AD7891AS-2 Datasheet HTML 3Page - Analog Devices AD7891AS-2 Datasheet HTML 4Page - Analog Devices AD7891AS-2 Datasheet HTML 5Page - Analog Devices AD7891AS-2 Datasheet HTML 6Page - Analog Devices AD7891AS-2 Datasheet HTML 7Page - Analog Devices AD7891AS-2 Datasheet HTML 8Page - Analog Devices AD7891AS-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. D
AD7891–SPECIFICATIONS
(VDD = 5 V
5%, AGND = DGND = 0 V, REF IN = 2.5 V. All specifications TMIN to TMAX,
unless otherwise noted.)
Parameter
A Version
1
B Version
Y Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Sample Rate = 454.5 kSPS
3 (AD7891-1),
500 kSPS
3 (AD7891-2). Any channel.
Signal-to-(Noise + Distortion) Ratio
4
@ 25
∞C70
7070dB min
TMIN to TMAX
70
70
70
dB min
Total Harmonic Distortion
4
–78
–78
–78
dB max
Peak Harmonic or Spurious Noise
4
–80
–80
–80
dB max
Intermodulation Distortion
4
fa = 9 kHz, fb = 9.5 kHz.
Second-Order Terms
–80
–80
–80
dB typ
Third-Order Terms
–80
–80
–80
dB typ
Channel-to-Channel Isolation
4
–80
–80
–80
dB max
DC ACCURACY
Any channel.
Resolution
12
12
12
Bits
Minimum Resolution for which
No Missing Codes Are Guaranteed
12
12
12
Bits
Relative Accuracy
4
±1
±0.75
±1
LSB max
Differential Nonlinearity
4
±1
±1
±1
LSB max
Positive Full-Scale Error
4
±3
±3
±3
LSB max
Positive Full-Scale Error Match
4, 5
0.6
0.6
0.6
LSB typ
1.5 LSB max.
Unipolar Offset Error
±4
±4
±4
LSB max
Input ranges of 0 V to 2.5 V, 0 V to 5 V.
Unipolar Offset Error Match
5
0.1
0.1
0.1
LSB typ
1 LSB max.
Negative Full-Scale Error
4
±3
±3
±3
LSB max
Input ranges of
±2.5 V, ±5V, ±10 V.
Negative Full-Scale Error Match
4, 5
0.6
0.6
0.6
LSB typ
1.5 LSB max.
Bipolar Zero Error
±4
±4
±4
LSB max
Input ranges of
±2.5 V, ±5V, ±10 V.
Bipolar Zero Error Match
5
0.2
0.2
0.2
LSB typ
1.5 LSB max.
ANALOG INPUTS
AD7891-1 Input Voltage Range
±5
±5
±5V
Input applied to both VINXA and VINXB.
±10
±10
±10
V
Input applied to VINXA, VINXB = AGND.
AD7891-1 VINXA Input Resistance
7.5
7.5
7.5
k
W min
Input range of
±5V.
AD7891-1 VINXA Input Resistance
15
15
15
k
W min
Input range of
±10 V.
AD7891-2 Input Voltage Range
0 to 2.5
0 to 2.5
0 to 2.5
V
Input applied to both VINXA and VINXB.
0 to 5
0 to 5
0 to 5
V
Input applied to VINXA, VINXB = AGND.
±2.5
±2.5
±2.5
V
Input applied to VINXA, VINXB = REF IN
6.
AD7891-2 VINXA Input Resistance
1.5
1.5
1.5
k
W min
Input ranges of
±2.5 V and 0 V to 5 V.
AD7891-2 VINXA Input Current
±50
±50
±50
nA max
Input range of 0 V to 2.5 V.
REFERENCE INPUT/OUTPUT
REF IN Input Voltage Range
2.375/2.625 2.375/2.625 2.375/2.625 V min/V max
2.5 V
± 5%.
Input Impedance
1.6
1.6
1.6
k
W min
Resistor connected to internal reference node.
Input Capacitance
5
10
10
10
pF max
REF OUT Output Voltage
2.5
2.5
2.5
V nom
REF OUT Error @ 25
∞C
±10
±10
±10
mV max
TMIN to TMAX
±20
±20
±20
mV max
REF OUT Temperature Coefficient
25
25
25
ppm/
∞C typ
REF OUT Output Impedance
5
5
5
k
W nom
See REF IN input impedance.
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V
± 5%.
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V
± 5%.
Input Current, IINH
±10
±10
±10
mA max
Input Capacitance
5 C
IN
10
10
10
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com