Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1205-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1205-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1205-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1205-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1205-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1205-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1205
Switching Time Test Circuit
VR
RB
RL
VCC= --10V
VBE=5V
+
+
50Ω
INPUT
OUTPU
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
IC=10IB1= --10IB2= --2A
■
Typical Characterisitics
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
--5
--4
--3
--2
--1
0
8
.
0
--
4
.
0
--
2
.
0
--
0
0
.
1
--
6
.
0
--
IB=0
--10mA
--20mA
--30mA
--40mA
--60mA
--50mA
--5
--4
--3
--2
--1
0
4
--
2
--
1
--
0
5
--
3
--
IB=0
--5mA
--10mA
--15mA
--20mA
--25mA
--30mA
--35mA
--40mA
From top
--100mA
--90mA
--80mA
--70mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
VCE= --2V
--6
--1
--2
--4
--3
--5
0
2
.
1
--
0
--1.0
--0.8
--0.6
--0.4
--0.2
100
--0.01
1000
3
2
2
7
5
3
7
5
--0.1
2 3
5
2 3
5
2 3
5
5
--1.0
--10
VCE= --2V
Ta=75°C
25°C
--25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com