Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1205-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1205-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1205-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1205-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1205-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1205-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SB1205
■
Typical Characterisitics
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
--0.1
--0.01
5
2 3
5
--1.0
2 3
5
2 3
5
--10
--1000
3
2
7
5
3
2
7
5
--100
--10
--0.1
--1.0
--0.01
7
7
5
7
5
3
2
2
2
3
5
3
1000
3
2
7
5
3
7
5
100
2
0
1
--
0
.
1
--
3
7
7
3
5
5
3
2
2
3
2
3
2
100
7
10
5
IC / IB=50
Ta= --25°C
25°C
75°C
--0.01
5
2 3
5
--10
--0.1
2 3
5
2 3
5
--1.0
--10
--1.0
3
2
7
5
7
5
3
IC / IB=50
Ta= --25°C
25°C
75°C
f=1MHz
VCE= --5V
PC -- Ta
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta -- °C
12
4
2
1
6
8
10
0
0
6
1
0
120
140
100
80
60
40
20
Tc=25°C
Single pulse
--1.0
--0.1
--10
2
3
5 7
2
3
5
2
3
5
7
--10
3
2
2
5
3
2
5
5
--1.0
--0.1
3
DC
operation(
Ta=25
°C)
10ms
100ms
ICP= --8A
IC= --5A
No heat sink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com