Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4536BMS Datasheet(PDF) 13 Page - Intersil Corporation

Part # CD4536BMS
Description  CMOS Programmable Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4536BMS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CD4536BMS Datasheet HTML 5Page - Intersil Corporation CD4536BMS Datasheet HTML 6Page - Intersil Corporation CD4536BMS Datasheet HTML 7Page - Intersil Corporation CD4536BMS Datasheet HTML 8Page - Intersil Corporation CD4536BMS Datasheet HTML 9Page - Intersil Corporation CD4536BMS Datasheet HTML 10Page - Intersil Corporation CD4536BMS Datasheet HTML 11Page - Intersil Corporation CD4536BMS Datasheet HTML 12Page - Intersil Corporation CD4536BMS Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
1248
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CD4536BMS
FUNCTIONAL TEST SEQUENCE
INPUTS
OUTPUTS
COMMENTS
IN 1
SET
RESET
8-BYPASS
DECODE OUT
Q1 THRU 24
ALL 24 STEPS ARE IN RESET MODE
1011
0
1111
0
Counter is in three 8-stage section in parallel
mode
0111
0
First “1” to “0” transition of clock
1
0
-
-
-
111
255 “1” to “0” transitions are clocked in the
counter
0111
1
The 255 “1” to “0” transition
0000
1
Counter converted back to 24 stages in series
mode.
Set and Reset must be connected together
and simultaneously go from “1” to “0”
1000
1
In1 Switches to a “1”
0000
0
Counter Ripples from an all “1” state to an all
“0” state
Test Function has been included for the reduction of test
time required to exercise all 24 counter stages. This test
function divides the counter into three 8-stage sections and
255 counts are loaded in each of the 8-stage sections in par-
allel. All flip-flops are now at a “1”. The counter is now
returned to the normal 24 steps in series configuration. One
more pulse is entered into In1 which will cause the counter
to ripple from an all “1” state to an all “0” state.
Functional Test Sequence
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are derived from
the basic inch dimensions as indicated. Grid graduations are in mils
(10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
INTERSIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com