Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4585BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4585BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4585BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4585BMS Datasheet HTML 1Page - Intersil Corporation CD4585BMS Datasheet HTML 2Page - Intersil Corporation CD4585BMS Datasheet HTML 3Page - Intersil Corporation CD4585BMS Datasheet HTML 4Page - Intersil Corporation CD4585BMS Datasheet HTML 5Page - Intersil Corporation CD4585BMS Datasheet HTML 6Page - Intersil Corporation CD4585BMS Datasheet HTML 7Page - Intersil Corporation CD4585BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-1259
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4585BMS
CMOS 4-Bit Magnitude Comparator
Pinout
CD4585BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B2
A2
(A = B)OUT
(A > B)IN
(A < B)IN
(A = B)IN
VSS
A1
VDD
B3
(A > B)OUT
(A < B)OUT
B0
A0
B1
A3
10
7
2
15
4
6
5
11
9
1
14
A0
A1
A2
A3
A > B
A = B
A < B
B0
B1
B2
B3
13
3
12
A > B
A = B
A < B
WORD “A”
CASCADING
INPUTS
WORD “B”
VDD = 16
VSS = 8
Features
• High Voltage Type (20V Rating)
• Expansion to 8, 12, 16 . . .4N Bits by Cascading Units
• Medium Speed Operation
- Compares Two 4-Bit Words in 180ns (Typ.) at 10V
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Servo Motor Controls
• Process Controllers
Description
CD4585BMS is a 4-bit magnitude comparator designed for
use in computer and logic applications that require the com-
parison of two 4-bit words. This logic circuit determines
whether one 4-bit word (Binary or BCD) is “less than”, “equal
to” or “greater than” a second 4-bit word.
The CD4585BMS has eight comparing inputs (A3, B3,
through A0, B0), three outputs (A < B, = B, A > B) and three
cascading inputs (A < B, A = B, A > B) that permit system
designers to expand the comparator function to 8, 12, 16 . .
.4N bits. When a single CD4585BMS is used, the cascading
inputs are connected as follows: (A < B) = low, (A = B) =
high, (A > B) = high.
Cascading thses units for comparision of more than 4 bits is
accomplished as shown in Figure 9.
The CD4585BMS is supplied in these 16-lead outline pack-
ages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H6W
December 1992
File Number
3347


Similar Part No. - CD4585BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4585BMS RENESAS-CD4585BMS Datasheet
349Kb / 8P
CMOS 4-Bit Magnitude Comparator
Jan 13, 2017
More results

Similar Description - CD4585BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI-CD4585B Datasheet
221Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
CMOS 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com