Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7918 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 9Page - Analog Devices AD7918_15 Datasheet HTML 10Page - Analog Devices AD7918_15 Datasheet HTML 11Page - Analog Devices AD7918_15 Datasheet HTML 12Page - Analog Devices AD7918_15 Datasheet HTML 13Page - Analog Devices AD7918_15 Datasheet HTML 14Page - Analog Devices AD7918_15 Datasheet HTML 15Page - Analog Devices AD7918_15 Datasheet HTML 16Page - Analog Devices AD7918_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD7908/AD7918/AD7928
Rev. E | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
PERFORMANCE CURVES
Figure 4 shows a typical FFT plot for the AD7928 at 1 MSPS
sample rate and 50 kHz input frequency. Figure 5 shows the
signal-to-(noise + distortion) ratio performance vs. input
frequency for various supply voltages while sampling at 1 MSPS
with an SCLK of 20 MHz.
Figure 6 shows the power supply rejection ratio vs. supply ripple
frequency for the AD7928 when no decoupling is used. The
power supply rejection ratio is defined as the ratio of the power
in the ADC output at full-scale frequency f, to the power of a
200 mV p-p sine wave applied to the ADC AVDD supply of
frequency fS
PSRR(dB) = 10 log(Pf/Pfs)
Pf is equal to the power at frequency f in ADC output; PfS is
equal to the power at frequency fS coupled onto the ADC AVDD
supply. Here a 200 mV p-p sine wave is coupled onto the AVDD
supply.
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
–10
–30
–50
–70
–90
–110
4096 POINT FFT
AVDD = 5V
fSAMPLE = 1MSPS
fIN = 50kHz
SINAD = 71.147dB
THD = –87.229dB
SFDR = –90.744dB
Figure 4. AD7928 Dynamic Performance at 1 MSPS
75
70
65
60
55
10
100
1000
INPUT FREQUENCY (kHz)
fSAMPLE = 1MSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = VDRIVE = 2.70V
AVDD = VDRIVE = 3.60V
AVDD = VDRIVE = 4.75V
AVDD = VDRIVE = 5.25V
Figure 5. AD7928 SINAD vs. Analog Input Frequency for
Various Supply Voltages at 1 MSPS
Figure 7 shows a graph of total harmonic distortion vs. analog
input frequency for various supply voltages, and Figure 8 shows a
graph of total harmonic distortion vs. analog input frequency
for various source impedances. See the Analog Input section.
Figure 9 and Figure 10 show typical INL and DNL plots for the
AD7928.
SUPPLY RIPPLE FREQUENCY (kHz)
0
1000
500
900
800
700
600
400
300
200
100
–40
–60
–80
–90
–20
–50
–70
0
–10
–30
AVDD = 5V
200mV p-p SINEWAVE ON AVDD
REFIN = 2.5V, 1µF CAPACITOR
TA = 25°C
Figure 6. AD7928 PSRR vs. Supply Ripple Frequency
–50
–65
–75
–85
–90
–60
–70
–80
–55
AVDD = VDRIVE = 4.75V
AVDD = VDRIVE = 3.60V
AVDD = VDRIVE = 2.70V
fSAMPLE = 1MSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = VDRIVE = 5.25V
10
100
1000
INPUT FREQUENCY (kHz)
Figure 7. AD7928 THD vs. Analog Input Frequency for
Various Supply Voltages at 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com