Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7918 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 17Page - Analog Devices AD7918_15 Datasheet HTML 18Page - Analog Devices AD7918_15 Datasheet HTML 19Page - Analog Devices AD7918_15 Datasheet HTML 20Page - Analog Devices AD7918_15 Datasheet HTML 21Page - Analog Devices AD7918_15 Datasheet HTML 22Page - Analog Devices AD7918_15 Datasheet HTML 23Page - Analog Devices AD7918_15 Datasheet HTML 24Page - Analog Devices AD7918_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD7908/AD7918/AD7928
Rev. E | Page 21 of 28
inputs. Instead, the digital inputs applied can go to 7 V and are
not restricted by the AVDD + 0.3 V limit as on the analog inputs.
Another advantage of SCLK, DIN, and CS not being restricted
by the AVDD + 0.3 V limit is the fact that power supply
sequencing issues are avoided. If CS, DIN, or SCLK are applied
before AVDD, there is no risk of latch-up as there would be on
the analog inputs if a signal greater than 0.3 V was applied prior
to AVDD.
VDRIVE
The AD7908/AD7918/AD7928 also have the VDRIVE feature.
VDRIVE controls the voltage at which the serial interface operates.
VDRIVE allows the ADC to easily interface to both 3 V and 5 V
processors. For example, if the AD7908/AD7918/AD7928 were
operated with an AVDD of 5 V, the VDRIVE pin could be powered
from a 3 V supply. The AD7908/AD7918/AD7928 have better
dynamic performance with an AVDD of 5 V while still being able
to interface to 3 V processors. Care should be taken to ensure
VDRIVE does not exceed AVDD by more than 0.3 V. See the
Absolute Maximum Ratings section.
Reference
An external reference source should be used to supply the 2.5 V
reference to the AD7908/AD7918/AD7928. Errors in the
reference source results in gain errors in the AD7908/
AD7918/AD7928 transfer function and adds to the specified
full-scale errors of the part. A capacitor of at least 0.1 μF should
be placed on the REFIN pin. Suitable reference sources for the
AD7908/AD7918/AD7928 include the AD780, REF192,
AD1582, ADR03, ADR381, ADR391, and ADR421.
If 2.5 V is applied to the REFIN pin, the analog input range can
either be 0 V to 2.5 V or 0 V to 5 V, depending on the setting of
the RANGE bit in the control register.
MODES OF OPERATION
The AD7908/AD7918/AD7928 have a number of different
modes of operation. These modes are designed to provide
flexible power management options. These options can be
chosen to optimize the power dissipation/throughput rate ratio
for differing application requirements. The mode of operation
of the AD7908/AD7918/AD7928 is controlled by the power
management bits, PM1 and PM0, in the control register, as
detailed in Table 9. When power supplies are first applied to the
AD7908/AD7918/AD7928, care should be taken to ensure that
the part is placed in the required mode of operation (see
Powering Up the AD7908/AD7918/AD7928 section).
Normal Mode (PM1 = PM0 = 1)
This mode is intended for the fastest throughput rate
performance, as the user does not have to worry about any
power-up times with the AD7908/AD7918/AD7928 remaining
fully powered at all times. Figure 21 shows the general diagram
of the operation of the AD7908/AD7918/AD7928 in this mode.
The conversion is initiated on the falling edge of CS and the
track-and-hold enters hold mode as described in the Serial
Interface section. The data presented to the AD7908/AD7918/
AD7928 on the DIN line during the first 12 clock cycles of the
data transfer are loaded into the control register (provided
WRITE bit is set to 1). If data is to be written to the SHADOW
register (SEQ = 0, SHADOW = 1 on previous write), data
presented on the DIN line during the first 16 SCLK cycles is
loaded into the SHADOW register. The part remains fully
powered up in normal mode at the end of the conversion as
long as PM1 and PM0 are both loaded with 1 on every data
transfer.
Sixteen serial clock cycles are required to complete the
conversion and access the conversion result. The track-and-
hold goes back into track on the 14th SCLK falling edge. CS can
then idle high until the next conversion or can idle low until
sometime prior to the next conversion, effectively idling CS low.
Once a data transfer is complete (DOUT has returned to three-
state), another conversion can be initiated after the quiet time,
tQUIET, has elapsed by bringing CS low again.
1
12
CS
SCLK
DOUT
DIN
16
1 LEADING ZERO + 3 CHANNEL
IDENTIFIER BITS + CONVERSION RESULT
NOTES
1. CONTROL REGISTER DATA IS LOADED ON FIRST 12 SCLK CYCLES.
2. SHADOW REGISTER DATA IS LOADED ON FIRST 16 SCLK CYCLES.
DATA IN TO CONTROL/SHADOW REGISTER
Figure 21. Normal Mode Operation
Full Shutdown Mode (PM1 = 1, PM0 = 0)
In this mode, all internal circuitry on the AD7908/AD7918/
AD7928 is powered down. The part retains information in the
control register during full shutdown. The AD7908/AD7918/
AD7928 remains in full shutdown until the power management
bits in the control register, PM1 and PM0, are changed.
If a write to the control register occurs while the part is in full
shutdown, with the power management bits changed to PM0 =
PM1 = 1, normal mode, the part begins to power up on the CS
rising edge. The track-and-hold that was in hold while the part was
in full shutdown returns to track on the 14th SCLK falling edge.
To ensure that the part is fully powered up, tPOWER UP, should
have elapsed before the next CS falling edge. Figure 22 shows
the general diagram for this sequence.
Auto Shutdown Mode (PM1 = 0, PM0 = 1)
In this mode, the AD7908/AD7918/AD7928 automatically
enters shutdown at the end of each conversion when the control
register is updated. When the part is in shutdown, the track and
hold is in hold mode. Figure 23 shows the general diagram of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com