Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92G Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9B92G
Description  RAM Mapping 40x4 LCD Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92G Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9B92G Datasheet HTML 1Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Rev. 1.00
5
April 18, 2014
HT9B92G
Pad Description
Pin Name
Type
Description
SDA
I/O
Serial Data Input/Output pin
Serial Data (SDA) Input/Output for 2-wire I2C interface is an NMOS open drain structure.
SCL
I
Serial Clock Input pin
Serial Data (SCL) is a clock input for 2-wire I2C interface.
OSCIN
I
External Clock Input pin
The external and internal clock mode can be selected by the command. When the
internal oscillator circuitry is used, this pin must be connected to VSS.
TEST1
I
Test mode input pin
When this pin is connected to VDD, the device will enter the test mode.
TEST2
I
Power on reset control pin
The internal power on reset circuitry will be enabled if this pin is connected to VSS. If this
pin is connected to VDD, the internal power on reset circuitry will be disabled and the reset
function will be performed by executing the software reset command.
COM0~COM3
O
LCD Common outputs.
SEG0~SEG39
O
LCD Segment outputs.
VDD
—
Positive power supply.
VSS
—
Negative power supply, ground.
VLCD
—
LCD power supply pin
Approximate Internal Connections
VDD
VSS
SCL, SDA (for Schmitt trigger type)
COM0~COM3; SEG0~SEG39
TEST1, TEST2
OSCIN
VSS
VDD
VLCD
VSS
VLCD
VSS
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com