Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B92G Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT9B92G
Description  RAM Mapping 40x4 LCD Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92G Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT9B92G Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Rev. 1.00
13
April 18, 2014
HT9B92G
Blinking Function
Thedevicecontainsversatileblinkingcapabilities.
Thewholedisplaycanbeblinkedatfrequencies
selectedbytheBlinkingFrequencycommand.The
blinkingfrequencyisasubdividedratioofthesystem
frequency.Theratiobetweenthesystemoscillator
andblinkingfrequenciesdependsontheblinking
modeinwhichthedeviceisoperating,asshownin
thefollowingtable:
Blinking Mode
Blinking frequency (Hz)
0
Blink off
1
0.5
2
1
3
2
Frame Frequency
Thedeviceprovidesfourframefrequenciesselected
withtheFrameFrequencycommandknownas80Hz,
71Hz,64Hzand53Hzrespectively.
Mode
Frame frequency (Hz) @ VDD=3.3V
0
80
1
71
2
64
3
53
I2C Serial Interface
I2C Operation
ThedevicesupportsI2Cserialinterface.TheI2Cbus
isforbidirectional,two-linecommunicationbetween
differentICsormodules.Thetwolinesareaserial
dataline,SDA,andaserialclockline,SCL.Both
linesareconnectedtothepositivesupplyviapull-up
resistors.Whenthebusisfree,bothlinesarehigh.
Devicesconnectedtothebusmusthaveopen-drain
oropen-collectoroutputstoimplementawired-or
function.Datatransferisinitiatedonlywhenthebus
isnotbusy.
Data Validity
ThedataontheSDAlinemustbestableduringthe
highperiodoftheserialclock.Thehighorlowstate
ofthedatalinecanonlychangewhentheclocksignal
ontheSCLlineisLowasshowninthediagram.
SDA
SCL
Datalinestable;
Datavalid
Changeofdata
allowed
START and STOP Conditions
• AhightolowtransitionontheSDAlinewhileSCL
ishighdefinesaSTARTcondition.
• AlowtohightransitionontheSDAlinewhileSCL
ishighdefinesaSTOPcondition.
• STARTandSTOPconditionsarealwaysgenerated
bythemaster.Thebusisconsideredtobebusy
aftertheSTARTcondition.Thebusisconsidered
tobefreeagainacertaintimeaftertheSTOP
condition.
• ThebusstaysbusyifarepeatedSTART(Sr)is
generatedinsteadofaSTOPcondition.Insome
respects,theSTART(S)andrepeatedSTART(Sr)
conditionsarefunctionallyidentical.
P
S
SDA
SCL
SDA
SCL
START condition
STOP condition
Byte Format
EverybyteputontheSDAlinemustbe8-bitlong.
Thenumberofbytesthatcanbetransmittedper
transferisunrestricted.Eachbytehastobefollowed
byanacknowledgebit.Dataistransferredwiththe
mostsignificantbit,MSB,first.
S
or
Sr
P
or
Sr
SDA
SCL
1
2
7
8
9
ACK
1
2
3-8
9
ACK
P
Sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com