Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9831 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9831
Description  315/433MHz ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9831 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9831 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
External Components
Description
1
XOUT
For 433.92MHz add18pF capacitor
For 315MHz add 15pF capacitor
Crystal Fs output
2
DIN
ASK data input
3
CREF
Output clock (Fs/65536) to MCU I/O
433.92MHz:Typ 207Hz
315MHz: Typ 150Hz
4
EN
Pull high resistor
High: RF always on
Low: DIN high trigger RF on
5
VDD
10
mF decoupling capacitor
Power supply
6
PA_OUT
L/C matched circuit
Power amplifier output
7
VSS
Ground
8
XIN
For 433.92MHz add 18pF capacitor
For 315MHz add 15pF capacitor
Crystal Fs input
Absolute Maximum Ratings
Operating Supply Voltage ....................................................................................................................VDD=2.0V~3.6V
Voltage on I/O Pins .......................................................................................................................VSS
-0.3 to VDD+0.3V
Storage Temperature Range ..............................................................................................................
-50°Cto+125°C
Lead Temperature (soldering, 10 seconds)........................................................................................................+ 300
°C
ESD HBM ..............................................................................................................................................................
±5KV
ESD MM ..............................................................................................................................................................
±400V
Ambient Operating Temperature (TA) ....................................................................................................
-40°Cto+85°C
Programmable Transmitter Frequency Ran.....................................................................................300MHz to 450MHz
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT9831
Rev. 1.20
2
November 5, 2014
H T 9 8 3 1
8 S O P - A / T S S O P - A
X O U T
D I N
C R E F
E N
X I N
V S S
P A O U T
V D D
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com