Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9831 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9831
Description  315/433MHz ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9831 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9831 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics
Ta=25
°C, Freq REFOSC=13.560MHz, EN=VDD. Bold values indicate -40°Cto+85°C unless otherwise noted. 1kbps
data rate 50% duty cycle. RL 50
W load (matched)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IH
Data High Current
3V
@315MHz, POUT=+10dBm
¾
13.5
¾
mA
@433.92MHz
¾
13.5
¾
mA
IL
Data Low Current
3V
@315MHz
¾
3.0
¾
mA
@433.92 MHz
¾
3.0
¾
mA
ISTB
EN Low & DIN Low Current
3V
@315MHz
¾
1.0
¾mA
@433.92 MHz
¾
1.0
¾mA
RF and Crystal
Output power level
3.3V
@315MHz *
¾
9.5
¾
dBm
@433.92MHz *
¾
9.5
¾
dBm
Harmonics output for 315 MHz
3V
@630MHz, 2nd harm
¾-48
¾
dBc
@945MHz, 3rd harm
¾-60
¾
dBc
Harmonics output for 433.92MHz
3V
@867.84MHz, 2nd harm
¾-45
¾
dBc
@1301.76MHz, 3rd harm
¾-55
¾
dBc
Extinction ratio for ASK 10Kbps
3V
¾¾
-70
¾
dBc
Data Rate
3V
¾¾
¾
50
kbps
Occupied Bandwidth
3V
@315MHz
¾
<900
¾
kHz
@433.92MHz
¾
<1000
¾
kHz
315MHz Single Side Band Phase
Noise
3V
100kHz from Carrier
¾-78
¾
dBc/Hz
1000kHz from Carrier
¾-77
¾
dBc/Hz
433.92MHz Single Side Band
Phase Noise
3V
100kHz from Carrier
¾-78
¾
dBc/Hz
1000kHz from Carrier
¾-76
¾
dBc/Hz
XTLIN, XTLOUT
3V
Pin capacitance
¾
2
¾
pF
External Capacitance
3V
See application circuit C3,C4
@315MHz
¾
15
¾
pF
@433.92MHz
¾
18
¾
pF
Output Blanking
3V
Standby transition from low
to high **
¾
500
¾ms
ASK to RF Out Response Time
3V
Delta between ASK input
transition from Low To High
to RF output transition from
low to high
¾
1
¾ms
CREF clock output frequency
3V
@315MHz
¾
150
¾
Hz
@433.92MHz
¾
207
¾
Hz
Note:
* Depend on PC board layout
** Generally limited by crystal
HT9831
Rev. 1.20
3
November 5, 2014



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com