Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1805ACE Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1805ACE
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1805ACE Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1805ACE Datasheet HTML 1Page - Intersil Corporation CDP1805ACE Datasheet HTML 2Page - Intersil Corporation CDP1805ACE Datasheet HTML 3Page - Intersil Corporation CDP1805ACE Datasheet HTML 4Page - Intersil Corporation CDP1805ACE Datasheet HTML 5Page - Intersil Corporation CDP1805ACE Datasheet HTML 6Page - Intersil Corporation CDP1805ACE Datasheet HTML 7Page - Intersil Corporation CDP1805ACE Datasheet HTML 8Page - Intersil Corporation CDP1805ACE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal). . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
46
N/A
SBDIP Package. . . . . . . . . . . . . . . . . .
55
15
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type D . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC
Package Type E and Q . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC
Storage Temperature Range (TSTG). . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering)
At Distance 1/16
±1/32in (1.59 ± 0.79mm) from case for
10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Printed Circuit Board Mount: 57mm x 57mm Minimum Area x 1.6mm
Thick G10 Epoxy Glass, or Equivalent.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions TA = Full-Package Temperature Range. For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges.
PARAMETER
TEST CONDITIONS
VDD
(V)
CDP1805ACD, CDP1805ACE
CDP1806ACD, CDP1806ACE
UNITS
MIN
MAX
DC Operating Voltage Range
-
4
6.5
V
Input Voltage Range
-
VSS
VDD
V
Minimum Instruction Time (Note 1)
(fCL = 5MHz)
53.2
-
µs
Maximum DMA Transfer Rate
5
-
0.625
Mbyte/s
Maximum Clock Input Frequency,
Load Capacitance (CL) = 50pF
5DC
5
MHz
Maximum External Counter/Timer Clock
Input Frequency to EF1, EF2
5DC
2
MHz
NOTES:
1. Equals 2 machine cycles - one Fetch and one Execute operation for all instructions except Long Branch, Long Skip, NOP, and “68” family
instructions, which are more than two cycles.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Static Electrical Specifications at TA = -40oC to +85oC, VDD ±5%, Except as Noted
PARAMETER
VO
(V)
VIN
(V)
VDD
(V)
CDP1805ACD, CDP1805ACE
CDP1806ACD, CDP1806ACE
UNITS
MIN
(NOTE 3)
TYP
MAX
Quiescent Device Current, IDD
-
0, 5
5
-
50
200
µA
Output Low Drive (Sink) Current, (Except XTAL), IOL
0.4
0, 5
5
1.6
4
-
mA
XTAL Output, IOL
0.4
5
5
0.2
0.4
-
mA
Output High Drive (Source) Current (Except XTAL, IOH
4.6
0, 5
5
-1.6
-4
-
mA
XTAL, IOH
4.6
0
5
-0.1
-0.2
-
mA
Output Voltage Low Level, VOL
-0, 5
5
-
0
0.1
V
Output Voltage High Level, VOH
-0, 5
5
4.9
5
-
V
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com