Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1805ACE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1805ACE
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1805ACE Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1805ACE Datasheet HTML 1Page - Intersil Corporation CDP1805ACE Datasheet HTML 2Page - Intersil Corporation CDP1805ACE Datasheet HTML 3Page - Intersil Corporation CDP1805ACE Datasheet HTML 4Page - Intersil Corporation CDP1805ACE Datasheet HTML 5Page - Intersil Corporation CDP1805ACE Datasheet HTML 6Page - Intersil Corporation CDP1805ACE Datasheet HTML 7Page - Intersil Corporation CDP1805ACE Datasheet HTML 8Page - Intersil Corporation CDP1805ACE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
Input Low Voltage (BUS0 - BUS7, ME), VIL
0.5, 4.5
-
5
-
-
1.5
V
Input High Voltage (BUS0 - BUS7, ME), VIH
0.5, 4.5
-
5
3.5
-
-
V
Schmitt Trigger Input Voltage (Except BUS0 - BUS7, ME)
Positive Trigger Threshold, VP
0.5, 4.5
-
5
2.2
2.9
3.6
V
Negative Trigger Threshold, VN
0.5, 4.5
-
5
0.9
1.9
2.8
V
Hysteresis, VH
0.5, 4.5
-
5
0.3
0.9
1.6
V
Input Leakage Current, IIN
-0, 5
5
-
±0.1
±5
µA
Three-State Output Leakage Current, IOUT
0, 5
0, 5
5
-
±0.2
±5
µA
Input Capacitance, CIN
---
-
5
7.5
pF
Output Capacitance, COUT
---
-
10
15
pF
Total Power Dissipation (Note 4)
Run
-
-
5
-
35
50
mW
Idle “00” at M (0000)
-
-
5
-
12
18
mW
Minimum Data Retention Voltage, VDR
VDD = VDR
-2
2.4
V
Data Retention Current, IDR
VDD = 2.4
-
25
100
µA
NOTES:
3. Typical values are for TA = +25
oC and nominal V
DD.
4. External clock: f = 5MHz, t R, t F = 10ns; CL = 50pF.
Dynamic Electrical Specifications at TA = -40o to +85oC; C L = 50pF; Input tR, tF = 10ns; Input Pulse Levels = 0.1V to
VDD -0.1V; VDD = 5V, ±5%.
PARAMETER
CDP1805AC CDP1806AC
UNITS
(NOTE 5)
TYP
MAX
Propagation Delay Times
Clock to TPA, TPB, tPLH, tPHL
150
275
ns
Clock-to-Memory High-Address Byte, tPLH, tPHL
325
550
ns
Clock-to-Memory Low-Address Byte, tPLH, tPHL
275
450
ns
Clock to MRD, tPLH, tPHL
200
325
ns
Clock to MWR, tPLH, tPHL (See Note 5)
150
275
ns
Clock to (CPU DATA to BUS), tPLH, tPHL
375
625
ns
Clock to State Code, tPLH, tPHL
225
400
ns
Clock to Q, tPLH, tPHL
250
425
ns
Clock to N, tPLH, tPHL
250
425
ns
Clock to Internal RAM Data to BUS, tPLH, tPHL
420
650
ns
Static Electrical Specifications at TA = -40oC to +85oC, VDD ±5%, Except as Noted (Continued)
PARAMETER
VO
(V)
VIN
(V)
VDD
(V)
CDP1805ACD, CDP1805ACE
CDP1806ACD, CDP1806ACE
UNITS
MIN
(NOTE 3)
TYP
MAX
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com